Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 43Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 44Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 45Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 46Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 47Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 48Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 49Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 50Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
3RP, 7PV Timing Relays
7/47
Siemens LV 1 T · 2006
General data
1) Note on function with start contact: A new control signal at terminal B,
after the operating time has started, resets the operating time to zero. This
does not apply to G, G! and H, H!, which are not retriggerable.
2) For function diagrams showing the various possibilities of operation of the
3RP15 60-1S.30 (see Page 7/48).
Function
Function chart
3RP20 timing
relay and
3RP19 01 label
set
3RP15 timing relay and
3RP19 01 label set
Timing relay energized
Contact closed
Contact open
2 CO contacts
Passing break contact
with auxiliary voltage
7
7
7
F1)
Passing break contact
with auxiliary voltage
and instantaneous contact
7
7
F!1)
Pulse-forming
with auxiliary voltage
(pulse generation
at the output does not depend
on duration of energizing)
7
7
7
G1)
Pulse-forming
with auxiliary voltage
and instantaneous contact
(pulse generation
at the output does not depend
on duration of energizing)
7
7
G!1)
Additive ON-delay
with auxiliary voltage
7
H1)
Additive ON-delay
with auxiliary voltage and
instantaneous contact
7
7
H!1)
Wye-delta function
7
7
*
D
2 NO contacts
Wye-delta function *
D
7
3 NO contacts
Wye-delta function
with overtravel function2)
(idling)
7
15/18
15/16
t
25/28
35ms
>
25/26
B1/A2
A1/A2
15/18
15/16
t
35ms
21/24
21/22
A1/A2
B1/A2
>
15/18
15/16
t
25/28
25/26
A1/A2
B1/A2
35ms
>
15/18
15/16
21/24
21/22
A1/A2
B1/A2
t
35ms
>
15/18
15/16
25/28
25/26
A1/A2
B1/A2
t
t
1
t 3
t2
1 5 / 1 8
1 5 / 1 6
2 1 / 2 4
2 1 / 2 2
A . / A 2
B . / A 2
3
1t
t
t 2
t
t
A1/A2
50ms
17/18
27/28
t
50 ms
A1/A2
17/18
17/28
A1/A2
50ms
B1/A2
17/18
t
17/28
17/16
t
Idling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com