Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 6Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 7Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 8Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 9Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 10Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 11Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 12Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 13Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
SIMOCODE pro 3UF7
motor management and control devices
7/10
Siemens LV 1 T · 2006
Expansion with additional inputs/outputs by means of an
analog module
Basic unit 2 can be optionally expanded with analog inputs and
outputs (0/4 ... 20 mA) by means of the analog module. It is then
possible to measure and monitor any process variable that can
be mapped on a 0/4 ... 20 mA signal. Typical applications are,
for example, level monitoring for the implementation of dry run-
ning protection for pumps or monitoring the degree of pollution
of a filter using a differential pressure transducer. In this case the
automation system has free access to the measured process
variables. The analog output can be used, for example, to visu-
alize process variables on a pointer instrument. The automation
system also has free access to the output.
Maximum one analog module can be connected to one basic
unit 2. Both inputs are set to a measuring range of either
0 ... 20 mA or 4 ... 20 mA.
3UF7 400-1AA00-0 analog module
Inputs:
• 2 inputs for measuring 0/4 ... 20 mA signals
Outputs:
• 1 output to output a 0/4 ... 20 mA signal
1 Ready LED
2 system interfaces for connection
• To basic unit 2
• Of expansion modules
• Of a current measuring module or current/voltage measuring
module
• Of an operator panel
Note:
An analog module can only be used with a basic unit 2, product
version E02 and later (from April 2005).
Safe isolation
All circuits in SIMOCODE pro are safely isolated from each other
in according to IEC 60947-1. That is, they are designed with
double creepage and air distances. In the event of a fault,
therefore, no parasitic voltages can be formed in neighboring
circuits. The instructions of test report No. 2668 must be
complied with.
EEx e and EEx d types of protection
The overload protection and the thermistor motor protection of
the SIMOCODE pro system comply with the requirements for
overload protection of explosion-protected motors to the degree
of protection:
• EEx d "flameproof enclosure" e.g. according to EN 50018 or
EN 60079-1
• EEx e "increased safety" e.g. according to EN 50019 or
EN 60079-7
When using SIMOCODE pro devices with a 24 V DC control
voltage, electrical isolation must be ensured using a battery or a
safety transformer according to EN 61558-2-6.
EC type test certificate: BVS 04 ATEX F 003
Test log: BVS PP 05.2029 EG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com