Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 2Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 3Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 4Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 5Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 6Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 7Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 8Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 9Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
SIMOCODE pro 3UF7
motor management and control devices
7/6
Siemens LV 1 T · 2006
SIMOCODE pro C, basic unit 1
The compact system for
• Direct-on-line and reversing starters
• Actuation of a circuit-breaker (MCCB)
with up to 4 binary inputs, up to 3 monostable relay outputs and
one thermistor connection (binary PTC)
The basic unit 1 is available in two different variants for the
following supply voltages:
•24 V DC
• 110 ... 240 V AC/DC
SIMOCODE pro C, basic unit 1
Inputs:
• 4 binary inputs, with internal supply from 24 V DC
Outputs:
• 3 (2+1) monostable relay outputs
Thermistor connection for binary PTC
PROFIBUS interface:
• 9-pole SUB-D or
• Terminal connection
Connection of the supply voltage:
•24 V DC or
• 110 ... 240 V AC/DC
Test/Reset button
3LEDs
2 system interfaces for connection of
• a current measuring module and
• an operator panel
Basic unit 1 is suitable for standard rail mounting or, with
additional push-in lugs, for fixing to a mounting plate.
SIMOCODE pro V, basic unit 2
The variable system which offers all SIMOCODE pro C functions
plus many additional functions. Basic unit 2 supports the
following control functions:
• Direct-on-line and reversing starters
• Star/delta starters, also with direction reversal
• Two speeds, motors with separate windings (pole-changing
switch); also with direction reversal
• Two speeds, motors with separate Dahlander windings (also
with direction reversal)
• Slide control
• Solenoid valve actuation
• Actuation of a circuit-breaker (MCCB)
• Soft starter actuation (also with direction reversal)
Basic unit 2 has 4 binary inputs, 3 monostable relay outputs and
one thermistor connection (binary PTC). The type and number of
inputs and outputs can be increased by means of additional
expansion modules.
Basic unit 2 is available in two different variants for the following
supply voltages:
•24 V DC
• 110 ... 240 V AC/DC
SIMOCODE pro V, basic unit 2
Inputs:
• 4 binary inputs, with internal supply from 24 V DC
Outputs:
• 3 (2+1) monostable relay outputs
Thermistor connection for binary PTC
PROFIBUS interface:
• 9-pole SUB-D or
• Terminal connection
Connection of the supply voltage:
•24 V DC or
• 110 ... 240 V AC/DC
Test/Reset button
3LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com