Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 83Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 84Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 85Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 86Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 87Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 88Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 89Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 90Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
Monitoring Relays
7/87
Siemens LV 1 T · 2006
3RS10, 3RS11 Temperature Monitoring Relays
General data
■Overview
The 3RS10 and 3RS11 temperature monitoring relays can be
used for measuring temperatures in solid, liquid and gas media.
The temperature is sensed by the sensor in the medium,
evaluated by the device and monitored for overshoot or
undershoot or for staying within an operating range (window
function).
The range comprises adjustable analog units with one or two
threshold values, digital units to DIN 3440, which are also a good
alternative to temperature controls for the low-end range, and
digital units for up to 3 sensors which have been optimized for
monitoring large motors.
■Design
The temperature monitoring relays comply with:
• IEC 60721-3-3 "Environmental conditions"
• IEC 60947-5-1; VDE 0660 "Low-voltage controlgear,
switchgear and systems – Electromechanical controlgear"
• EN 61000-6-4 "Basic technical standard for emitted
interference (Industry)"
• EN 61000-6-2 "Basic technical standard for interference
immunity (Industry)"
• EN 50042 "Designations for terminals"
•UL/CSA
• DIN 3440 (3RS10 40, 3RS11 40, 3RS10 42, 3RS11 42).
Connection of resistance-type thermometers
2-wire measurement
When 2-wire temperature sensors are used, the resistances of
the sensor and wiring are added. The resulting systematic error
must be taken into account when the signal evaluator is
calibrated. A jumper must be clamped between terminals T2
and T3 for this purpose.
Wiring errors
The errors that are generated by the wiring comprise
approximately 2.5 K/
W. If the resistance of the wiring is not known
and cannot be measured, the wiring errors can also be
estimated using the following table.
Temperature drift depending on the length and cross-section of
the leads with PT100 sensors and an ambient temperature of
20 °C, in K:
3-wire measurement
To minimize the effects of the line resistances, a three-wire circuit
is often used. Using the additional wire, two measuring circuits
can be formed of which one is used as a reference. The signal
evaluator can then automatically calculate the line resistance
and take it into account.
Temperature
setting
LED "Device on voltage"
LED "Relay switched"
Hysteresis switch
LED for display
"Up and Down" keys
Rotary switch for
parameter selection
NSB0_01421
NSB01323a
PT 100
T1
T2
T3
I
Cable length
m
Cross-section
mm²
0.5
0.75
1
1.5
0
0.0
0.0
0.0
0.0
10
1.8
1.2
0.9
0.6
25
4.5
3.0
2.3
1.5
50
9.0
6.0
4.5
3.0
75
13.6
9.0
6.8
4.5
100
18.1
12.1
9.0
6.0
200
36.3
24.2
18.1
12.1
500
91.6
60.8
45.5
30.2
NSB01324a
PT 100
T1
T2
T3
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com