Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 41Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 42Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 43Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 44Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 45Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 46Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 47Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 48Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
3RP, 7PV Timing Relays
7/45
Siemens LV 1 T · 2006
General data
■Function
3RP15/3RP20/7PV function table
1) Note on function with start contact: A new control signal at terminal B,
after the operating time has started, resets the operating time to zero. This
does not apply to G, G! and H, H!, which are not retriggerable.
2) This function is indicated on the unit with the identification letter C.
3) For the flashing function, the start between interval D and pulse Di is
selectable.
4) This function is indicated on the unit with the identification letter H.
5) This function is indicated on the unit with the identification letter B.
Function
Function chart
3RP20 timing re-
lay and 3RP19 01
label set
3RP15 timing relay and
3RP19 01 label set
7PV timing
relay
Timing relay energized
Contact closed
Contact open
1 CO contact
ON-delay
7
7
7
A
7
7
7
OFF-delay
with auxiliary voltage
7
7
B1)
7
72)
OFF-delay
without auxiliary voltage
7
ON-delay and
OFF-delay with
auxiliary voltage
(t = ton = toff)
7
7
C1)
Flashing,
starting with interval
(pulse/interval 1:1)
7
7
D
73)
Clock-pulse,
starting with interval
(dead interval, pulse time, and
time setting ranges each
separately adjustable)
7
Passing make contact
7
7
E
74)
Passing break contact
with auxiliary voltage
7
7
F1)
Pulse-forming with
auxiliary voltage
(pulse generation
at the output does not depend
on duration of energizing)
7
7
G1)
75)
Additive ON-delay
with auxiliary voltage
7
7
H1)
1 NO contact (semiconductor)
ON-delay
The two-wire timing relay is connec-
ted in series with the load. Timing
begins after application of the excit-
ing voltage. The semiconductor
output then becomes conducting,
and the load is energized.
7
t
15/16
A1/A2
15/18
A1/A2
15/18
15/16
t
35 ms
B1/A2
>
15/16
A1/A2
200 ms
t
15/18
>
t
t
15/16
A1/A2
15/18
B1/A2
tt
15/16
A1/A2
15/18
15/16
A1/A2
15/18
Interval
Pulse period
t
A1/A2
15/18
15/16
t
35 ms
>
A1/A2
15/18
15/16
B1/A2
t
>
A1/A2
15/18
15/16
B1/A2
35 ms
t
t1
t2
t3
A1/A2
15/18
15/16
B1/A2
t
A1/A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com