Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 72Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 73Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 74Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 75Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 76Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 77Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 78Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 79Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
Monitoring Relays
3UG Monitoring Relays for Electrical and Additional Measurements
Power factor monitoring
7/76
Siemens LV 1 T · 2006
■Overview
The 3UG30 14 power factor monitoring device enables the load
monitoring of motors.
■Function
The 3UG30 14 monitoring relay is used for monitoring the load of
motors by measuring the phase angle between voltage and
current, i.e. the power factor. The output relays respond as long
as the power factor lies between the upper and lower thresholds.
These are set separately on the front using two potentiometers.
When the value of the power factor lies outside this range, the
corresponding output relay will drop after a delay time T1, that
can be set on the front, has elapsed. A fixed hysteresis prevents
the output relay from continuously switching on and off when the
measured value is close to the threshold.
The ON-delay T2 can be used to suppress the effects of motor
start-up.
Important
It is important to ensure that the phases are connected in the
correct sequence L1-L2-L3, otherwise the power factor will be
evaluated incorrectly.
Note:
Power factor monitoring relays are connected in series after the
motor contactor to ensure that the delay time for bridging start-
up elapses after switch-on. For this reason, the output relay must
not be connected in series with the supply voltage of the motor
contactor, otherwise it would not be possible to switch on the
load feeder. The minimum current must be at least 0.2 A.
■Technical specifications
1) Short-circuits without any contact welding acc. to DIN VDE 0660,
Part 200.
c o s
T 2
5
4
3
2
2
1
T 1
T 1
N S B 0 _ 0 1 1 2 9
1
2
3
4
5
m a x
m i n
m a x
m i n
T h r e s h o l d v a l u e
H y s t e r e s i s
T h r e s h o l d v a l u e
O u t p u t r e l a y c o s
> c o s
( t e r m i n a l s 2 1 , 2 2 , 2 4 )
O u t p u t r e l a y c o s
< c o s
( t e r m i n a l s 1 1 , 1 2 , 1 4 )
Type
3UG30/3UG35
Load capacity of the output relay
Rated operational current Ie
A
max. 8
AC-15/230 V
A
3
DC-13/24 V
A
1
DC-13/48 V
A
0.45
DC-13/60 V
A
0.35
DC-13/110 V
A
0.2
DC-13/230 V
A
0.1
Minimum contact load
mA
5/17 V for a fault of 1 ppm
Output relay with DIAZED fuse1)
gl/Gg operational class
A
4
Electrical endurance
Operating cycles
1 x 105
Mechanical endurance
Operating cycles
2 x 106
Ambient temperature
During operation
°C
-20 ... + 50
During storage
°C
-30 ... + 70
Connection of conductors
Solid
mm²
2 x (0.5 ... 2.5)
Finely stranded, with end sleeves
mm²
2 x (0.5 ... 1.5)
Degree of protection
Terminals
IP20
Enclosures
IP40
Vibration resistance
acc. to IEC 60068-2-6
Hz/mm 10 ... 150/0.035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com