Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 32Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 33Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 34Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 35Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 36Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 37Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 38Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 39Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
3UF18 current transformers
for overload protection
7/36
Siemens LV 1 T · 2006
Short-circuit protection with fuses for motor feeders for
short-circuit currents up to 50 kA at 690 V1), 50/60 Hz
1) Voltage tolerance
–5%.
2) Assignment and short-circuit protective devices
acc. to IEC 60947-4-1:
Type of coordination 1:
Contactors or starters must not endanger persons or equipment in the
event of a short-circuit. They do not have to be suitable for further
operation without repair and the renewal of parts.
Type of coordination 2:
Contactors or starters must not endanger persons or equipment in the
event of a short-circuit. These must be suitable for subsequent operation.
There is a risk of contact welding.
3) Note the operational voltage.
Overload relays
Contactors Rated operational current Ie AC-3 in A
with 400 V and Class ...
Type of coordination2)
5 and 10
15
20
25
30
1
2
Fuse links in A3)
LV HRC, Type 3NA
DIAZED, Type 5SB
NEOZED Type 5SE
gL/gG
NH TYPE
3ND
aM
British
Standards
fuses
BS88
Operating range 0.25 ... 2.5 A
3UF18 43-1BA00
3RT1 015
2.5
2.5
2.5
2.5
2.5
25
10
--
--
Operating range 1.25 ... 12.5 A
3UF18 43-1AA00
3RT1 015
7
7
7
7
7
25
10
--
--
3RT1 016
9
9
9
9
9
25
10
--
--
3RT1 017
12
11
10
9.5
9
25
10
--
--
3RT1 024
12
12
12
12
12
35
16
20
35
3RT1 025
12.5
12.5
12.5
12.5
12.5
35
16
20
35
Operating range 2.5 ... 25 A
3UF18 43-2BA00
3RT1 015
7
7
7
7
7
25
10
--
--
3RT1 016
9
9
9
9
9
25
10
--
--
3RT1 017
12
11
10
9.5
9
25
10
--
--
3RT1 024
12
12
12
12
12
63
25
20
35
3RT1 025
17
17
16
15
14
63
25
20
35
3RT1 026
25
18
16
15
14
63
25
35
50
3RT1 034
--
25
22.3
20.3
19.1
63
25
--
--
3RT1 035
--
--
25
25
25
63
25
--
--
Operating range 12.5 ... 50 A
3UF18 45-2CA00
3RT1 025
17
17
16
15
14
63
25
20
35
3RT1 026
25
18
16
15
14
100
35
35
50
3RT1 034
32
25.5
22.3
20.3
19.1
100
63
--
--
3RT1 035
40
33
29.4
28
26.5
100
63
--
--
3RT1 036
50
38.5
32.7
29.4
26.5
100
80
--
--
3RT1 044
--
50
49
45
41.7
100
80
--
--
3RT1 045
--
--
50
47
45
100
80
--
--
3RT1 046
--
--
--
50
50
100
80
--
--
Operating range 16 ... 65 A
3UF18 47-2DA00
3RT1 034
32
25.5
22.3
20.3
19.1
125
63
--
--
3RT1 035
40
33
29.4
28
26.5
125
63
--
--
3RT1 036
50
38.5
32.7
29.4
26.5
160
80
--
--
3RT1 044
65
56
49
45
41.7
160
125
--
--
3RT1 045
65
61
53
47
45
160
125
--
--
3RT1 046
--
65
59
53
50
160
125
--
--
3RT1 054
65
65
65
65
65
160
125
--
--
Operating range 25 ... 100 A
3UF18 48-2EA00
3RT1 044
65
65
49
45
41.7
250
125
--
--
3RT1 045
80
61
53
47
45
250
160
--
--
3RT1 046
95
69
59
53
50
250
160
--
--
3RT1 054
100
93
82
75
69
250
160
125
125
3RT1 055
--
100
100
98
90
250
160
125
125
3RT1 056
--
--
--
100
100
250
160
125
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com