Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 73Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 74Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 75Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 76Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 77Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 78Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 79Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 80Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
Monitoring Relays
7/77
Siemens LV 1 T · 2006
3UG Monitoring Relays for Electrical and Additional Measurements
Power factor monitoring
Currents > 10 A only with current transformer.
■Dimensional drawings
3UG30 14
■Schematics
3UG30 14
Three-phase operation, I < 10 A~
3UG30 14
Three-phase operation, I > 10 A~
3UG30 14
Single-phase operation, 230 V~
Rated control supply voltage Us
V
see Catalog LV 1 (L1/L2 also used to supply units)
Voltage tolerance
V
0.85 ... 1.15 x Us
Maximum power consumption
VA
3
Frequency of the monitored line
Hz
50 ... 60
Setting range of power factor
0.1 ... 0.99 for lower and upper threshold
Hysteresis fixed
%
10 for power factor 0.4
10 ... 30 for power factor 0.4
Setting accuracy
%
–10 referred to upper limit of effective range
Repeat accuracy at constant parameters
%
–0.8
Deviations for temperature fluctuations
%
–0.05/K
Delay time
T2, ON-delay
s
0.5 ... 20;
–20 %
T1 after reaching the threshold
s
0.3 ... 3;
–20 %
Input circuit current range
A
0.5 ... 10
Input circuit peak current (< 1 s)
A
50
Input circuit input resistor L1/L2/L3
k
W
2
Input circuit input resistor current IN1
W
0.02
77
100
45
NSB01130b
L1
12
11
14
L2 L3
L2
L3
L1
22
21
24
M
IN1
< p. f.
> p. f.
> p. f. <
NSB0_01131c
L1
12
11
14
L2
IN1
L2
L3
L1
22
21
24
M
L3
K(P ) L(P )
k(S ) l(S )
1
2
1
2
> p. f. <
< p. f.
> p. f.
external current
transformer
NSB01132b
L1
12
11
14
L2 L3
L
N
22
21
24
< p. f.
> p. f.
> p. f. <
IN1
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com