Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 88Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 89Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 90Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 91Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 92Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 93Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 94Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 95Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 114 page
background image
Monitoring Relays
3RS10, 3RS11 Temperature Monitoring Relays
Relays, digitally adjustable to DIN 3440
7/92
Siemens LV 1 T · 2006
■Overview
The 3RS10/3RS11 temperature monitoring relays can be used
for measuring temperatures in solid, liquid and gas media. The
temperature is sensed by the sensor in the medium, evaluated
by the device and monitored for overshoot or undershoot or for
staying within an operating range (window function).
The 3RS10 40, 3RS20 40, 3RS11 40 and 3RS21 40 relays
comply with the requirements of DIN 3440 as temperature
monitors; the 3RS10 42 and 3RS11 42 relays comply with the
requirements of DIN 3440 as temperature limiters. The relays are
also an excellent alternative to temperature controls in the low-
end performance range (2 or 3-point closed-loop control).
■Technical specifications
1) Not for NTC B57227-K333-A1 (100 °C: 1.8 k; 25 °C: 32.762 k).
2) 2-wire connection of resistance sensors with wire jumper between T2 and T3.
3) See Catalog LV1, Accessories, 3RP15 Solid-State Timing Relays.
Type
3RS10 40/3RS10 42/3RS20 40
3RS11 40/3RS21 40
3RS11 42
General data
Width
mm
45
Operating range
V
0.85 ... 1.1 x Us
Rated power
W/VA
< 4/7
Auxiliary circuits
Contacts
1 CO + 1 CO + 1 NO
Rated operational currents Ie
• AC-15 at 230 V AC, 50 Hz
A
3
• DC-13 at:
- 24 V AC
A
1
- 240 V AC
A
0.1
DIAZED fuse
gl/Gg operational class
A
4
Electrical endurance
AC-15 at 3 A
A
100000
Mechanical endurance
Mechanical operating cycles
30 x 106
Tripping units
• Measuring accuracy at 20 °C ambient temperature
(T20)
<
–2 K, –1 digit
<
–5 K, –1 digit
<
–7 K, –1 digit
• Reference point accuracy
--
<
–5 K
• Deviations due to ambient temperature
in % from measuring range
%
0.05 °C per K deviation from T20
• Measuring cycle
ms
500
• Hysteresis settings
- for temperature 1
1 ... 99 Kelvin, for both values
Adjustable delay time
s
0 ... 999
Sensor circuits
• Typical sensor circuits
- PT100
mA
Typical 1
-
-
- PT1000/KTY83/KTY84/NTC
mA
Typical 0.2
-
-
• Open-circuit detection
Yes1)
Yes
Yes
• Short-circuit detection
Yes
No
No
• 3-wire conductor connection
Yes2)
-
-
Enclosures
Environmental influences
Permissible ambient temperature
°C
-25 ... +60
Permissible storage temperature
°C
-40 ... +80
Permissible mounting position
any
Degree of protection acc. to EN 60529
Terminals: IP20; Cover: IP40
Rated insulation voltage Ui
(pollution degree 3)
V AC
300
Conductor cross-section
• Screw-type connection
M 3.5 (standard screwdriver, size 2 and Pozidriv 2)
- Solid
mm2
1 x (0.5 ... 4)/2 x (0.5 ... 2.5)
- Finely stranded, with end sleeve
mm2
1 x (0.5 ... 2.5)/2 x (0.5 ... 1.5)
- AWG conductors, solid or stranded
AWG
2 x (20 ... 14)
- Tightening torque
Nm
0.8 ... 1.2
• Spring-loaded terminal
- Solid
mm2
2 x (0.25 ... 1.5)
- Finely stranded, with end sleeve
mm2
2 x (0.25 ... 1)
- Finely stranded, without end sleeve
mm2
2 x (0.25 ... 1.5)
- AWG conductors, solid or stranded
AWG
2 x (24 ... 16)
- Corresponding opening tool
8WA2 8073)
Vibration resistance IEC 68-2-6
Hz/mm 5 ... 26/0.75
Shock resistance IEC 68-2-27
g/ms
15/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com