Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 85Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 86Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 87Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 88Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 89Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 90Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 91Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 92Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
Monitoring Relays
7/89
Siemens LV 1 T · 2006
3RS10, 3RS11 Temperature Monitoring Relays
General data
Window monitoring (digital units only)
Once the temperature has reached the upper threshold
J1, the
output relay K1 changes its output state as soon as the set time t
has elapsed. The relay returns to its original state as soon as the
temperature reaches the set hysteresis value.
K2 responds in the same manner to the lower threshold of
J2.
Closed-circuit principle
Principle of operation with memory function (3RS10 42,
3RS11 42), based on the example of temperature
undershoot using the closed-circuit principle
Once the temperature has reached the set threshold
J1, the
output relay K1 changes its output state as soon as the set time
t has elapsed (K2 responds in the same manner to
J2). The
relays only return to the original state when the temperature falls
below the set hysteresis value and when terminals Y3 and Y4
have been briefly jumpered.
■Characteristic curves
For thermocouples
For resistance sensors
t
t
NSB01331c
t
Us
K1
K2
1
2
J
J
t
N S B 0 _ 0 1 3 3 2 d
t
U s
Y 3 - Y 4
K 1
t
K 2
1
2
J
J
0
200
400
600
800
1000
1200
1400 1600
80
70
60
50
40
30
20
10
0
Temperature in °C
Type "E"
Type "J"
Type "K"
Type "N"
Type "T"
-100
0
100
200
300
400
500
5000
4000
3000
2000
1000
0
NTC
KTY83
KTY84
PT1000
PT100
Temperature in °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com