Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 33Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 34Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 35Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 36Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 37Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 38Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 39Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 40Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
7/37
Siemens LV 1 T · 2006
3UF18 current transformers
for overload protection
1) Assignment and short-circuit protective devices
acc. to IEC 60947-4-1:
Type of coordination 1:
Contactors or starters must not endanger persons or equipment in the
event of a short-circuit. They do not have to be suitable for further
operation without repair and the renewal of parts.
Type of coordination 2:
Contactors or starters must not endanger persons or equipment in the
event of a short-circuit. These must be suitable for subsequent operation.
There is a risk of contact welding.
2) Note the operational voltage.
Overload relays
Contactors Rated operational current Ie AC-3 in A
with 400 V and Class ...
Type of coordination1)
5 and 10
15
20
25
30
1
2
Fuse links in A2)
LV HRC, Type 3NA
DIAZED, Type 5SB
NEOZED Type 5SE
gL/gG
NH TYPE
3ND
aM
British
Standards
fuses
BS88
Operating range 32 ... 130 A
3UF18 50-3AA00
3RT1 044
65
56
49
45
41.7
250
125
--
--
3RT1 045
80
61
53
47
45
250
160
--
--
3RT1 046
95
69
59
53
50
250
160
--
--
3RT1 054
115
93
82
75
69
315
224
160
160
3RT1 055
130
122
107
98
90
315
224
160
160
3RT1 056
--
130
130
120
111
315
224
160
160
3RT1 064
--
--
--
130
130
315
224
160
160
Operating range 50 ... 200 A
3UF18 52-3BA00
3RT1 054
115
93
82
75
69
355
224
160
200
3RT1 055
150
122
107
98
90
355
224
160
200
3RT1 056
185
150
131
120
111
355
224
160
200
3RT1 064
200
182
160
146
135
355
224
160
200
3RT1 065
--
200
188
172
159
355
224
160
200
3RT1 066
--
--
200
195
180
355
224
160
200
3RT1 075
--
--
--
200
200
355
224
160
200
Operating range 63 ... 250 A
3UF18 54-3CA00
3RT1 056
185
150
131
120
111
355
250
160
200
3RT1 064
225
182
160
146
135
400
250
250
355
3RT1 065
250
215
188
172
159
500
400
315
355
3RT1 066
--
243
213
195
180
500
400
315
355
3RT1 075
--
250
250
250
240
500
400
400
355
3RT1 076
--
--
--
--
250
500
400
400
355
Operating range 100 ... 400 A
3UF18 56-3DA00
3RT1 065
265
215
188
172
159
500
400
315
400
3RT1 066
300
243
213
195
180
500
400
315
400
3RT1 075
400
324
284
260
240
630
500
400
450
3RT1 076
--
400
355
325
300
630
500
500
450
3TF6 8
--
--
400
400
400
800
500
630
450
Operating range 125 ... 500 A
3UF18 57-3EA00
3RT1 066
300
243
213
195
180
500
400
315
400
3RT1 075
400
324
284
260
240
800
500
400
450
3RT1 076
500
405
355
325
300
800
500
500
450
3TF6 8
--
500
500
479
441
800
500
630
450
3TF6 9
--
--
--
500
500
800
500
630
450
Operating range 160 ... 630 A
3UF18 68-3FA00
3RT1 075
400
324
284
260
240
800
500
400
450
3RT1 076
500
405
355
325
300
800
500
500
450
3TF6 8
630
630
536
479
441
1000
500
630
450
3TF6 9
--
--
--
531
500
1000
500
630
450
Operating range 200 ... 820 A
3UF18 69-3GA00
3TF6 8
630
630
536
479
441
1000
500
630
450
3TF6 9
820
662
572
531
500
1000
500
630
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com