Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 52Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 53Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 54Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 55Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 56Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 57Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 58Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 59Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
3RP, 7PV Timing Relays
3RP20 timing relays, 45 mm
7/56
Siemens LV 1 T · 2006
■Technical specifications
1) If nothing else is stated.
2) Ik ˜ 1 kA, weld-free acc. to IEC 60947-5-1.
Type
3RP20 05
3RP20 25
Rated insulation voltage
Pollution degree 3
Overvoltage category III
V AC
300
Operating range at excitation1)
0.85 ... 1.1 x Us with AC; 0.8 ... 1.25 x Us with DC;
0.95 ... 1.05 times rated frequency
Rated power
W
1
• Power consumption at 230 V AC, 50 Hz
VA
4
Rated operational current Ie
• AC-15 at 230 V, 50 Hz
A
3
• DC-13 at
- 24 V
A
1
- 48 V
A
0.45
- 60 V
A
0.35
- 110 V
A
0.2
- 230 V
A
0.1
DIAZED fuse2)
gL/gG operational class
A
4
Switching frequency
• When loaded with Ie 230 V AC
1/h
2500
• When loaded with 3RT10 16 contactor, 230 V AC
1/h
5000
Recovery time
ms
150
Minimum ON period
ms
35
Setting accuracy
with reference to scale value
Typical
–5%
Repeat accuracy
ˆ –1%
Mechanical endurance
Operating cycles
30 x 106
Permissible ambient temperature
During operation
°C
-25 … +60
During storage
°C
-40 … +85
Degree of protection
acc. to EN 60529
IP40 cover,
IP20 terminals
Conductor cross-sections
• Screw-type connection (to connect
1 or 2 conductors); for standard
screwdriver (size 2 and Pozidriv 2)
Solid
mm²
2 x (0.5 ... 1.5)
2 x (0.75 ... 2.5)
Finely stranded with end sleeve
mm²
2 x (0.5 ... 1.5)
2 x (0.75 ... 2.5)
AWG conductors, solid or stranded
AWG
2 x (18 ... 14)
Terminal screw
M3
Tightening torque
Nm
0.8 … 1.2
• Spring-loaded terminal
(to connect 1 or 2 conductors;
for 22.5 mm timing relay use
screwdriver with 3 mm blade or
8WA2 807 opening tool)
Solid
mm²
2 x (0.25 ... 2.5)
Finely stranded
• With end sleeve
mm²
2 x (0.25 ... 1.5)
• Without end sleeve
mm²
2 x (0.25 ... 2.5)
AWG conductors, solid or stranded
AWG
2 x (24 ... 14)
Mounting position (permissible)
Any
Shock resistance acc. to IEC 60068 for half-sine shock type
g/ms
15/11
Vibration resistance acc. to IEC 60068-2-6
Hz/mm 10 ... 55/0.35
Electromagnetic compatibility (EMC)
Tests acc. to basic specification
EN 61000-6-2/EN 61000-6-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com