Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 97Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 98Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 99Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 100Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 101Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 102Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 103Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 104Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
Monitoring Relays
7/101
Siemens LV 1 T · 2006
3RN1 Thermistor Motor Protection
For PTC sensors
■Schematics
Connection diagrams
1) For units with combination voltages 230 V/110 V AC
(3RN10 11-.CK00 and 3RN10 12-.CK00) the following applies:
A1 and A2: 230 V AC,
A3 and A2: 110 V AC.
Illustrated with control
voltage applied
Illustrated with control
voltage not applied
Illustrated with control
voltage applied
Illustrated with control
voltage not applied
3RN10 00, 1 CO
3RN10 10, 1 NO + 1 NC
3RN10 10, 2 COs
3RN10 111), 1 NO + 1 NC
3RN10 11, 2 COs
3RN10 121), 1 NO + 1 NC
3RN10 12, 2 COs
3RN10 13-...0 (monostable)
3RN10 13-...1 (bistable)
3RN10 22
3RN10 62
General equipment designation
A1, A2, A3
N
T/R
Y1, Y2
Â
Connections of the
control voltage
Amplifier
TEST/RESET button
Connections for remote
RESET (jumpered =
Auto-RESET)
The double arrow
indicates an operating
status which deviates
from the standard
representation of the
contact acc. to
DIN 40900, Part 7
(in this case: Position of
the contacts when
control voltage is applied
to terminals A1 and A2)
Equipment designation for 3RN10
H1
H2
K
T1, T2
"READY" LED
"TRIPPED" LED
Output relay
Connections of the
sensor loop
Equipment designation for
3RN10 22
H1
H2
H3
K1, K2
1T1 and T2
2T1 and T2
"READY" LED
"TRIPPED" LED
"ALARM" LED
Output relay
Connections of the
sensor loop
. Important!
Close unconnected sensor circuits.
Equipment designation for 3RN10 62
H1 to H6
H7
H8
K
1T1, 1T2
to
6T1, 6T2
LED for the tripped
sensor loop
"READY" LED
"TRIPPED" LED
Output relay
Connections of the
first sensor loop
Connections of the
sixth sensor loop
. Important!
Close unconnected sensor circuits.
A1/95
T1 T2
A2
96 98
N
H2 K
(14) (12)
NSB0_00322b
A1(11)
96
98
T1
T2
A2
95
97
A1
(14) (22)
(13) (21)
NSB0_00323b
H1
N
H2
K
T/R
T1
A2
96 98
A1
95
T2
06 08
05
H2 K
(14)
(11)
(21)
NSB0_01397
(12) (24) (22)
H1
N
96
98
T1
T2
A2
95
97
A1
(14) (22)
(13) (21)
NSB0_00323b
H1
N
H2
K
T/R
T1
T/R
A2
96 98
A1
95
T2
06 08
05
H2 K
(14)
(11)
(21)
NSB0_01398
(12) (24) (22)
H1
N
96 98
95 97
Y1 Y2 A1(A3)
H1
N
H2 K
T1 T2
A2
T/R
(14) (22)
(13) (21)
NSB0_00325a
T1
T/R
A2
96 98
95
T2
06 08
05
H2
K
(14)
(11)
(21)
NSB0_01399a
(12) (24) (22)
H1
N
Y1 Y2 A1
T1
T/R
A2
96 98
Y1 Y2 A1
95
T2
06 08
05
H2 K
(14)
(11)
(21)
NSB0_01400
(12) (24) (22)
H1
N
T1
T/R
A2
96 98
Y1 Y2 A1
95
T2
06 08
05
H2 K
(14)
(11)
(21)
NSB0_00327
(12) (24) (22)
H1
N
Y1 Y2 A1
95
08(24) 2T1 1T1 T2
A2
96 98
K1
H3
N
H2
N
H1 K2
T/R
07(23)
(14) (12)
NSB0_00328c
(11)
N
95 97
98
T/R
2T1
1T1 1T2
A2
Y1 Y2
A1
K
H7 H8
H1
H4
2 3
5 6
4T1
5T1
6T1 6T2
5T2
4T2
3T2
2T2 3T1
96
(14) (22)
(13) (21)
NSB0_00329a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com