Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 64 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 64 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 60Page - Dallas Semiconductor DS2152 Datasheet HTML 61Page - Dallas Semiconductor DS2152 Datasheet HTML 62Page - Dallas Semiconductor DS2152 Datasheet HTML 63Page - Dallas Semiconductor DS2152 Datasheet HTML 64Page - Dallas Semiconductor DS2152 Datasheet HTML 65Page - Dallas Semiconductor DS2152 Datasheet HTML 66Page - Dallas Semiconductor DS2152 Datasheet HTML 67Page - Dallas Semiconductor DS2152 Datasheet HTML 68Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
DS2152
64 of 93
11.2 LEGACY FDL SUPPORT
11.2.1 Overview
In order to provide backward compatibility to the older DS2151 device, the DS2152 maintains the
circuitry that existed in the previous generation of T1 Single-Chip Transceivers. Section 11.2 covers the
circuitry and operation of this legacy functionality. In new applications, it is recommended that the
HDLC controller and BOC controller described in Section 11.1 be used. On the receive side, it is possible
to have both the new HDLC/BOC controller and the legacy hardware working at the same time.
However, this is not possible on the transmit side since their can be only one source the of the FDL data
internal to the device.
11.2.2 Receive Section
In the receive section, the recovered FDL bits or Fs bits are shifted bit-by-bit into the Receive FDL
register (RFDL). Since the RFDL is 8 bits in length, it will fill up every 2 ms (8 times 250 us). The
DS2152 will signal an external microcontroller that the buffer has filled via the SR2.4 bit. If enabled via
IMR2.4, the INT pin will toggle low indicating that the buffer has filled and needs to be read. The user
has 2 ms to read this data before it is lost.
If the byte in the RFDL matches either of the bytes
programmed into the RFDLM1 or RFDLM2 registers, then the SR2.2 bit will be set to a 1 and the INT
pin will toggled low if enabled via IMR2.2. This feature allows an external microcontroller to ignore the
FDL or Fs pattern until an important event occurs.
The DS2152 also contains a 0 destuffer which is controlled via the CCR2.0 bit. In both ANSI T1.403 and
TR54016, communications on the FDL follows a subset of a LAPD protocol. The LAPD protocol states
that no more than five 1s should be transmitted in a row so that the data does not resemble an opening or
closing flag (01111110) or an abort signal (11111111). If enabled via CCR2.0, the DS2152 will
automatically look for five 1s in a row, followed by a 0. If it finds such a pattern, it will automatically
remove the 0. If the 0 destuffer sees six or more 1s in a row followed by a 0, the 0 is not removed. The
CCR2.0 bit should always be set to a 1 when the DS2152 is extracting the FDL. More on how to use the
DS2152 in FDL applications in this legacy support mode is covered in a separate Application Note.
RFDL: RECEIVE FDL REGISTER (Address=28 Hex)
(MSB)
(LSB)
RFDL7
RFDL6
RFDL5
RFDL4
RFDL3
RFDL2
RFDL1
RFDL0
SYMBOL
POSITION
NAME AND DESCRIPTION
RFDL7
RFDL.7
MSB of the Received FDL Code
RFDL0
RFDL.0
LSB of the Received FDL Code
The Receive FDL Register (RFDL) reports the incoming Facility Data Link (FDL) or the incoming Fs
bits. The LSB is received first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com