Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 77 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 77 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 73Page - Dallas Semiconductor DS2152 Datasheet HTML 74Page - Dallas Semiconductor DS2152 Datasheet HTML 75Page - Dallas Semiconductor DS2152 Datasheet HTML 76Page - Dallas Semiconductor DS2152 Datasheet HTML 77Page - Dallas Semiconductor DS2152 Datasheet HTML 78Page - Dallas Semiconductor DS2152 Datasheet HTML 79Page - Dallas Semiconductor DS2152 Datasheet HTML 80Page - Dallas Semiconductor DS2152 Datasheet HTML 81Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
DS2152
77 of 93
RECEIVE SIDE 1.544 MHz BOUNDARY TIMING
(WITH ELASTIC STORE ENABLED) Figure 15-4
NOTES:
1. RSYNC is in the output mode (RCR2.3=0).
2. RSYNC is in the input mode (RCR2.3=1).
3. RCHBLK is programmed to block channel 24.
RECEIVE SIDE 2.048 MHz BOUNDARY TIMING
(WITH ELASTIC STORE ENABLED) Figure 15-5
NOTES:
1. RSER data in channels 1, 5, 9, 13, 17, 21, 25, and 29 are forced to 1.
2. RSYNC is in the output mode (RCR2.3=0).
3. RSYNC is in the input mode (RCR2.3=1).
4. RCHBLK is forced to 1 in the same channels as RSER (see Note 1).
5. The F-bit position is passed through the receive side elastic store.
6. RCHCLK does not transition high in the channels in which the RSER data is forced to 1 (see note 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com