Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2152 Datasheet HTML 1Page - Dallas Semiconductor DS2152 Datasheet HTML 2Page - Dallas Semiconductor DS2152 Datasheet HTML 3Page - Dallas Semiconductor DS2152 Datasheet HTML 4Page - Dallas Semiconductor DS2152 Datasheet HTML 5Page - Dallas Semiconductor DS2152 Datasheet HTML 6Page - Dallas Semiconductor DS2152 Datasheet HTML 7Page - Dallas Semiconductor DS2152 Datasheet HTML 8Page - Dallas Semiconductor DS2152 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
1 of 94
092299
FEATURES
§
Complete DS1/ISDN-PRI transceiver
functionality
§
Line interface can handle both long and short haul
trunks
§
32-bit or 128-bit crystal-less jitter attenuator
§
Generates DSX-1 and CSU line build outs
§
Frames to D4, ESF, and SLC-96
R formats
§
Dual onboard two-frame elastic store slip buffers
that can connect to asynchronous backplanes up to
8.192 MHz
§
8-bit parallel control port that can be used directly
on either multiplexed or non-multiplexed buses
(Intel or Motorola)
§
Extracts and inserts robbed-bit signaling
§
Detects and generates yellow (RAI) and blue
(AIS) alarms
§
Programmable output clocks for Fractional T1
§
Fully independent transmit and receive
functionality
§
Integral HDLC controller with 16-byte buffers for
the FDL
§
Generates and detects in-band loop codes from 1
to 8 bits in length including CSU loop codes
§
Contains ANSI 1's density monitor and enforcer
§
Large path and line error counters including BPV,
CV, CRC6, and framing bit errors
§
Pin compatible with DS2154 E1 Enhanced Single-
Chip Transceiver
§
5V supply; low power CMOS
§
100-pin 14mm
2 body LQFP package
PIN ASSIGNMENT
ORDERING INFORMATION
DS2152L
(0°C to 70°C)
DS2152LN
(-40°C to +85°C)
DESCRIPTION
The DS2152 T1 Enhanced Single-Chip Transceiver contains all of the necessary functions for connection
to T1 lines, whether they be DS-1 long haul or DSX-1 short haul. The clock recovery circuitry
automatically adjusts to T1 lines from 0 feet to over 6000 feet in length. The device can generate both
DSX-1 line build outs as well as CSU line build outs of -7.5 dB, -15 dB, and -22.5 dB. The onboard jitter
attenuator (selectable to either 32 bits or 128 bits) can be placed in either the transmit or receive data
paths. The framer locates the frame and multiframe boundaries and monitors the data stream for alarms. It
is also used for extracting and inserting robbed-bit signaling data and FDL data. The device contains a set
of internal registers which the user can access and control the operation of the unit. Quick access via the
parallel control port allows a single controller to handle many T1 lines. The device fully meets all of the
latest T1 specifications including ANSI T1.403-1995, ANSI T1.231-1993, AT&T TR 62411 (12-90),
AT&T TR54016, and ITU G.703, G.704, G.706, G.823, and I.431.
DS2152
Enhanced T1 Single-Chip Transceiver
www.dalsemi.com
1


Similar Part No. - DS2152

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152L MAXIM-DS2152L Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152L+ MAXIM-DS2152L+ Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152LN MAXIM-DS2152LN Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2152LN+ MAXIM-DS2152LN+ Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
More results

Similar Description - DS2152

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Dallas Semiconductor
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com