Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 85 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 85 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 81Page - Dallas Semiconductor DS2152 Datasheet HTML 82Page - Dallas Semiconductor DS2152 Datasheet HTML 83Page - Dallas Semiconductor DS2152 Datasheet HTML 84Page - Dallas Semiconductor DS2152 Datasheet HTML 85Page - Dallas Semiconductor DS2152 Datasheet HTML 86Page - Dallas Semiconductor DS2152 Datasheet HTML 87Page - Dallas Semiconductor DS2152 Datasheet HTML 88Page - Dallas Semiconductor DS2152 Datasheet HTML 89Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
DS2152
85 of 93
AC CHARACTERISTICS -
(0
°C to 70°C; V
DD=5V
± 5% for DS2152L;
TRANSMIT SIDE
-40
°C to +85°C; V
DD=5V
± 5% for DS2152LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TCLK Period
tCP
648
ns
TCLK Pulse Width
tCH
tCL
75
75
ns
ns
TCLKI Period
tLP
648
ns
TCLKI Pulse Width
tLH
tLL
75
75
ns
TSYSCLK Period
tSP
tSP
122
122
648
448
ns
ns
1
2
TSYSCLK Pulse Width
tSH
tSL
50
50
ns
ns
TSYNC or TSSYNC Set Up to TCLK or
TSYSCLK Falling
tSU
20
tCH-5 or
tSH-5
ns
TSYNC or TSSYNC Pulse Width
tPW
50
ns
TSER, TSIG, TDATA, TLINK, TPOSI,
TNEGI Set Up to TCLK, TSYSCLK,
TCLKI Falling
tSU
20
ns
TSER, TSIG, TDATA, TLINK, TPOSI,
TNEGI Hold from TCLK, TSYSCLK,
TCLKI Falling
tHD
20
ns
TCLK, TCLKI, or TSYSCLK Rise and
Fall Times
tR, tF
25
ns
Delay TCLKO to TPOSO, TNEGO Valid
tDD
50
ns
Delay TCLK to TESO Valid
tD1
50
ns
Delay TCLK to TCHBLK, TCHBLK,
TSYNC, TLCLK
tD2
50
ns
Delay TSYSCLK to TCHCLK, TCHBLK
tD3
75
ns
See Figures 16-7 to 16-9 for details.
NOTES:
1. TSYSCLK=1.544 MHz.
2. TSYSCLK=2.048 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com