Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 19Page - Dallas Semiconductor DS2152 Datasheet HTML 20Page - Dallas Semiconductor DS2152 Datasheet HTML 21Page - Dallas Semiconductor DS2152 Datasheet HTML 22Page - Dallas Semiconductor DS2152 Datasheet HTML 23Page - Dallas Semiconductor DS2152 Datasheet HTML 24Page - Dallas Semiconductor DS2152 Datasheet HTML 25Page - Dallas Semiconductor DS2152 Datasheet HTML 26Page - Dallas Semiconductor DS2152 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
DS2152
23 of 93
Payload Loopback
When CCR1.1 is set to a 1, the DS2152 will be forced into Payload LoopBack (PLB). Normally, this
loopback is only enabled when ESF framing is being performed but can be enabled also in D4 framing
applications. In a PLB situation, the DS2152 will loop the 192 bits of payload data (with BPVs corrected)
from the receive section back to the transmit section. The FPS framing pattern, CRC6 calculation, and the
FDL bits are not looped back, they are reinserted by the DS2152. When PLB is enabled, the following
will occur:
1. data will be transmitted from the TPOSO and TNEGO pins synchronous with RCLK instead of
TCLK
2. all of the receive side signals will continue to operate normally
3. the TCHCLK and TCHBLK signals are forced low
4. data at the TSER, TDATA, and TSIG pins is ignored
5. the TLCLK signal will become synchronous with RCLK instead of TCLK.
Framer Loopback
When CCR1.0 is set to a 1, the DS2152 will enter a Framer LoopBack (FLB) mode. This loopback is
useful in testing and debugging applications. In FLB, the DS2152 will loop data from the transmit side
back to the receive side. When FLB is enabled, the following will occur:
1. an unframed all 1s code will be transmitted at TPOSO and TNEGO
2. data at RPOSI and RNEGI will be ignored
3. all receive side signals will take on timing synchronous with TCLK instead of RCLKI.
Please note that it is not acceptable to have RCLK tied to TCLK during this loopback because this will
cause an unstable condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com