Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 23Page - Dallas Semiconductor DS2152 Datasheet HTML 24Page - Dallas Semiconductor DS2152 Datasheet HTML 25Page - Dallas Semiconductor DS2152 Datasheet HTML 26Page - Dallas Semiconductor DS2152 Datasheet HTML 27Page - Dallas Semiconductor DS2152 Datasheet HTML 28Page - Dallas Semiconductor DS2152 Datasheet HTML 29Page - Dallas Semiconductor DS2152 Datasheet HTML 30Page - Dallas Semiconductor DS2152 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
DS2152
27 of 93
CCR5: COMMON CONTROL REGISTER 5 (Address=19 Hex)
(MSB)
(LSB)
TJC
LLB
LIAIS
TCM4
TCM3
TCM2
TCM1
TCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
TJC
CCR5.7
Transmit Japanese CRC6 Enable.
0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation)
1 = use Japanese standard JT-G704 CRC6 calculation
LLB
CCR5.6
Local Loopback.
0 = loopback disabled
1 = loopback enabled
LIAIS
CCR5.5
Line Interface AIS Generation Enable. See Figure 1-1 for
details.
0 = allow normal data from TPOSI/TNEGI to be transmitted at
TTIP and TRING
1 = force unframed all 1s to be transmitted at TTIP and TRING
TCM4
CCR5.4
Transmit Channel Monitor Bit 4. MSB of a channel decode
that determines which transmit channel data will appear in the
TDS0M register. See Section 6 for details.
TCM3
CCR5.3
Transmit Channel Monitor Bit 3.
TCM2
CCR5.2
Transmit Channel Monitor Bit 2.
TCM1
CCR5.1
Transmit Channel Monitor Bit 1.
TCM0
CCR5.0
Transmit Channel Monitor Bit 0. LSB of the channel decode.
Local Loopback
When CCR5.6 is set to a 1, the DS2152 will be forced into Local LoopBack (LLB). In this loopback, data
will continue to be transmitted as normal through the transmit side of the DS2152 (unless LIAIS = 1).
Data being received at RTIP and RRING will be replaced with the data being transmitted. Data in this
loopback will pass through the jitter attenuator. Please see Figure 1-1 for more details. Please note that it
is not acceptable to have RCLKO tied to TCLKI during this loopback because this will cause an unstable
condition. Also it is recommended that the jitter attenuator be placed on the transmit side during this
loopback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com