Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 80 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 80 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 76Page - Dallas Semiconductor DS2152 Datasheet HTML 77Page - Dallas Semiconductor DS2152 Datasheet HTML 78Page - Dallas Semiconductor DS2152 Datasheet HTML 79Page - Dallas Semiconductor DS2152 Datasheet HTML 80Page - Dallas Semiconductor DS2152 Datasheet HTML 81Page - Dallas Semiconductor DS2152 Datasheet HTML 82Page - Dallas Semiconductor DS2152 Datasheet HTML 83Page - Dallas Semiconductor DS2152 Datasheet HTML 84Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
DS2152
80 of 93
TRANSMIT SIDE 2.048 MHz BOUNDARY TIMING
(WITH ELASTIC STORE ENABLED) Figure 15-10
NOTES:
1. TSER data in channels 1, 5, 9, 13, 17, 21, 25, and 29 is ignored.
2. TCHBLK is programmed to block channel 31 (if the TPCSI bit is set, then the signaling data at TSIG
will be ignored).
3. TCHBLK is forced to 1 in the same channels where TSER is ignored (see Note 1).
4. The F-bit position for the T1 frame is sampled and passed through the transmit side elastic store
(normally the transmit side formatter overwrites the F-bit position unless the formatter is programmed
to pass-through the F-bit position).
5. TCHCLK does not transition high in the channel in which the data at TSER is ignored (see note 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com