Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2152 Datasheet HTML 1Page - Dallas Semiconductor DS2152 Datasheet HTML 2Page - Dallas Semiconductor DS2152 Datasheet HTML 3Page - Dallas Semiconductor DS2152 Datasheet HTML 4Page - Dallas Semiconductor DS2152 Datasheet HTML 5Page - Dallas Semiconductor DS2152 Datasheet HTML 6Page - Dallas Semiconductor DS2152 Datasheet HTML 7Page - Dallas Semiconductor DS2152 Datasheet HTML 8Page - Dallas Semiconductor DS2152 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
DS2152
5 of 93
TTIP and TRING pins via a coupling transformer. The line driver can handle both long (CSU) and short
haul (DSX-1) lines.
Reader’s Note
This data sheet assumes a particular nomenclature of the T1 operating environment. In each 125 us frame,
there are 24 8-bit channels plus a framing bit. It is assumed that the framing bit is sent first followed by
channel 1. Each channel is made up of 8 bits which are numbered 1 to 8. Bit number 1 is the MSB and is
transmitted first. Bit number 8 is the LSB and is transmitted last. Throughout this data sheet, the
following abbreviations will be used:
D4
Superframe (12 frames per multiframe) Multiframe Structure
SLC-96
Subscriber Loop Carrier - 96 Channels (SLC-96 is an AT&T registered trademark)
ESF
Extended Superframe (24 frames per multiframe) Multiframe Structure
B8ZS
Bipolar with 8 0 Subsitution
CRC
Cyclical Redundancy Check
Ft
Terminal Framing Pattern in D4
Fs
Signaling Framing Pattern in D4
FPS
Framing Pattern in ESF
MF
Multiframe
BOC
Bit Oriented Code
HDLC
High Level Data Link Control
FDL
Facility Data Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com