Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 72 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 72 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 68Page - Dallas Semiconductor DS2152 Datasheet HTML 69Page - Dallas Semiconductor DS2152 Datasheet HTML 70Page - Dallas Semiconductor DS2152 Datasheet HTML 71Page - Dallas Semiconductor DS2152 Datasheet HTML 72Page - Dallas Semiconductor DS2152 Datasheet HTML 73Page - Dallas Semiconductor DS2152 Datasheet HTML 74Page - Dallas Semiconductor DS2152 Datasheet HTML 75Page - Dallas Semiconductor DS2152 Datasheet HTML 76Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
DS2152
72 of 93
TRANSFORMER SPECIFICATIONS Table 14-3
SPECIFICATION
RECOMMENDED VALUE
Turns Ratio
1:1 (receive) and 1:1.15 or 1:1.36 (transmit)
± 5%
Primary Inductance
600 uH minimum
Leakage Inductance
1.0 uH maximum
Intertwining Capacitance
40 pF maximum
DC Resistance
1.2 ohms maximum
14.3 JITTER ATTENUATOR
The DS2152 contains an onboard jitter attenuator that can be set to a depth of either 32 or 128 bits via the
JABDS bit in the Line Interface Control Register (LICR). The 128-bit mode is used in applications
where large excursions of wander are expected. The 32-bit mode is used in delay sensitive applications.
The characteristics of the attenuation are shown in Figure 14-4. The jitter attenuator can be placed in
either the receive path or the transmit path by appropriately setting or clearing the JAS bit in the LICR.
Also, the jitter attenuator can be disabled (in effect, removed) by setting the DJA bit in the LICR. In order
for the jitter attenuator to operate properly, a 1.544 MHz clock (
±50 ppm) must be applied at the MCLK
pin or a crystal with similar characteristics must be applied across the MCLK and XTALD pins. If a
crystal is applied across the MCLK and XTALD pins, then capacitors should be placed from each leg of
the crystal to the local ground plane as shown in Figure 14-1. Onboard circuitry adjusts either the
recovered clock from the clock/data recovery block or the clock applied at the TCLKI pin to create a
smooth jitter free clock which is used to clock data out of the jitter attenuator FIFO. It is acceptable to
provide a gapped/bursty clock at the TCLKI pin if the jitter attenuator is placed on the transmit side. If the
incoming jitter exceeds either 120 UIpp (buffer depth is 128 bits) or 28 UIpp (buffer depth is 32 bits),
then the DS2152 will divide the internal nominal 24.704 MHz clock by either 15 or 17 instead of the
normal 16 to keep the buffer from overflowing. When the device divides by either 15 or 17, it also sets
the Jitter Attenuator Limit Trip (JALT) bit in the Receive Information Register (RIR3.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com