Electronic Components Datasheet Search
  English  ▼

X  

DS2152 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 29Page - Dallas Semiconductor DS2152 Datasheet HTML 30Page - Dallas Semiconductor DS2152 Datasheet HTML 31Page - Dallas Semiconductor DS2152 Datasheet HTML 32Page - Dallas Semiconductor DS2152 Datasheet HTML 33Page - Dallas Semiconductor DS2152 Datasheet HTML 34Page - Dallas Semiconductor DS2152 Datasheet HTML 35Page - Dallas Semiconductor DS2152 Datasheet HTML 36Page - Dallas Semiconductor DS2152 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
DS2152
33 of 93
RIR3: RECEIVE INFORMATION REGISTER 3 (Address=10 Hex)
(MSB)
(LSB)
RL1
RL0
JALT
LORC
FRCL
-
-
-
SYMBOL
POSITION
NAME AND DESCRIPTION
RL1
RIR3.7
Receive Level Bit 1. See Table 4-1.
RL0
RIR3.6
Receive Level Bit 0. See Table 4-1.
JALT
RIR3.5
Jitter Attenuator Limit Trip. Set when the jitter attenuator
FIFO reaches to within 4 bits of its limit; useful for debugging
jitter attenuation operation.
LORC
RIR3.4
Loss of Receive Clock. Set when the RCLKI pin has not
transitioned for at least 2 us (3 us ± 1 us).
FRCL
RIR3.3
Framer Receive Carrier Loss. Set when 192 consecutive 0s
have been received at the RPOSI and RNEGI pins; allowed to be
cleared when 14 or more 1s out of 112 possible bit positions are
received.
-
RIR3.2
Not Assigned. Could be any value when read.
-
RIR3.1
Not Assigned. Could be any value when read.
-
RIR3.0
Not Assigned. Could be any value when read.
DS2152 RECEIVE T1 LEVEL INDICATION Table 4-1
RL1
RL0
TYPICAL LEVEL RECEIVED
0
0
+2 dB to -7.5 db
0
1
-7.5 dB to -15 db
1
0
-15 dB to -22.5 db
1
1
less than -22.5 db



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com