Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 16Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 17Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 18Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 19Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 20Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 21Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 22Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 23Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
20
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
3.5.7 FT232H Pins Configured as a CPU-style FIFO Interface
The FT232H can be configured in a CPU-style FIFO interface mode which allows a CPU to interface to USB
via the FT232H. This mode is enabled in the external EEPROM.
When configured in this mode, the pins used and the descriptions of the signals are shown in Table 3.12
Pin No.
Name
Type
Fast Serial Interface Configuration
Description
13, 14, 15, 16,
17, 18, 19, 20
ADBUS[7:0]
I/O
D7 to D0 bidirectional data bus
21
CS#
INPUT
Active low chip select input
25
A0
INPUT
Address bit A0
26
RD#
INPUT
Active Low FIFO Read input
27
WR#
INPUT
Active Low FIFO Write input
28
SIWU#
INPUT
Tie this pin to VCCIO if not used – otherwise, for
normal operation
The Send Immediate / WakeUp signal combines two
functions on a single pin. If USB is in suspend mode
(PWREN# = 1) and remote wakeup is enabled in the
EEPROM, strobing this pin low will cause the device to
request a resume on the USB Bus. Normally, this can
be used to wake up the Host PC.
During normal operation (PWREN# = 0), if this pin is
strobed low any data in the device RX buffer will be
sent out over USB on the next Bulk-IN request from
the drivers regardless of the pending packet size. This
can be used to optimize USB transfer speed for some
applications.
Table 3.12 CPU-style FIFO Interface Configured Pin Descriptions
For a functional description of this mode, please refer to section 4.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com