Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 37Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 38Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 39Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 40Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 41Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 42Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 43Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 44Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
41
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
4.10 CPU-style FIFO Interface Mode Description
CPU-style FIFO interface mode is designed to allow a CPU to interface to USB via the FT232H. This mode
is enabled in the external EEPROM. The interface is achieved using a chip select bit (CS#) and address bit
(A0). When the FT232H is in CPU-style Interface mode, the IO signal lines are configured as given in
Table 4.6. This mode uses a combination of CS# and A0 to determine the operation to be carried out.
The following Truth-Table 4.7 gives the decode values for particular operations.
CS#
A0
RD#
WR#
1
X
X
X
0
0
Read Data Pipe
Write Data Pipe
0
1
Read Status
Send Immediate
Table 4.6 CPU-Style FIFO Interface Operation Select
The Status read is shown in Table 4.7
Data Bit
Data
Status
bit 0
1
Data available (=RXF)
bit 1
1
Space available (=TXE)
bit 2
1
Suspend
bit 3
1
Configured
bit 4
X
X
bit 5
X
X
bit 6
X
X
bit 7
X
X
Table 4.7 CPU-Style FIFO Interface Operation Read Status Description
Note that bits 7 to 4 can be arbitrary values and that X= not used.
The timing of reading and writing in this mode is shown in Figure 4.21 and Table 4.8.
Figure 4.21 CPU-Style FIFO Interface Operation Signal Waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com