Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 40Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 41Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 42Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 43Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 44Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 45Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 46Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 47Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
44
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
4.12 Send Immediate / Wake Up (SIWU#)
The SIWU# pin is available in the FIFO modes and in bit bang mode.
The Send Immediate portion is used to flush data from the chip back to the PC. This can be used to force
short packets of data back to the PC without waiting for the latency timer to expire.
To avoid overrunning, this mechanism should only be used when a process of sending data to the chip
has been stopped.
The data transfer is flagged to the USB host by the falling edge of the SIWU# signal. The USB host will
schedule the data transfer on the next USB packet.
CLKOUT
WR#
SIWU#
D7-D0
Figure 4.25: Using SIWU#
When the pin is being used for a Wake Up function to wake up a sleeping PC a 20ms negative pulse on
this pin is required. When the pin is used to immediately flush the buffer (Send Immediate) a 250ns
negative pulse on this pin is required.
Notes
1. When using remote wake-up, ensure the resistors are pulled-up in suspend. Also ensure peripheral
designs do not allow any current sink paths that may partially power the peripheral.
2. If remote wake-up is enabled, a peripheral is allowed to draw up to 2.5mA in suspend. If remote
wake-up is disabled, the peripheral must draw no more than 500uA in suspend.
3. If a Pull-down is enabled, the FT232H will not wake up from suspend when using SIWU#
4.In UART mode the RI# pin acts as the wake up pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com