Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 42Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 43Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 44Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 45Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 46Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 47Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 48Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 49Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
46
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
4.14 Modes Configurations
This section summarises what modes are configurable using the external EEPROM or the application
software.
ASYNC
Serial
UART
STYLE
ASYNC
245
FIFO
SYNC
245
PARALLEL
FIFO
FT1248
ASYNC
Bit-
Bang
SYNC
Bit-
Bang
MPSSE
Fast
Serial
Interface
CPU-
Style
FIFO
EEPROM
configured
YES
YES
YES
YES
NO
NO
NO
YES
YES
Application
Software
configured
NO
NO
YES
NO
YES
YES
YES
RESET
NO
Table 4.9 Configuration Using EEPROM and Application Software
Note:
1.
The Synchronous 245 FIFO mode requires both the EEPROM and application software mode
settings
2. The application software can be used to reset the fast serial interface controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com