Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 31Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 32Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 33Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 34Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 35Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 36Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 37Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 38Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
35
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
WRSTB#
RDSTB#
Figure 4.12 Synchronous Bit-Bang Mode Timing Interface Example
WRSTB# = this output indicates when new data has been written to the I/O pins from the Host PC (via
the USB interface).
Name
Description
t1
Current pin state is read
t2
RDSTB# is set inactive and data on the parallel I/O pins is read and sent to the
USB host.
T3
RDSTB# is set active again, and any pins that are output will change to their
new data
t4
1 clock cycle to allow for data setup
t5
WRSTB# goes active. This indicates that the host PC has written new data to
the I/O parallel data pins
t6
WRSTB# goes inactive
Table 4.3 Synchronous Bit-Bang Mode Timing Interface Example Timings
RDSTB# = this output rising edge indicates when data has been read from the I/O pins and sent to the
Host PC (via the USB interface).
The WRSTB# goes active in t5. The WRSTB# goes active when data is read from the USB RXFIFO (i.e.
sent from the PC). The RDSTB# goes inactive when data is sampled from the pins and written to the USB
TXFIFO (i.e. sent to the PC). The SETUP command to the FT232H is used to setup the bit-mode. This
command also contains a byte wide data mask to set the direction of each bit. The direction on each pin
doesn’t change unless a new SETUP command is used to modify the direction.
The WRSTB# and RDSTB# strobes are only a guide to what may be happening depending on the
direction of the bus. For example if all pins are configured as inputs, it is still necessary to write to these
pins in order to get the FT232H to read those pins even though the data written will never appear on the
pins.
Signals and data-flow are illustrated in Figure 4.13
USB Rx
FIFO/
Buffer
Parallel I/O
data
Parallel
I/O pins
USB
WRSTB#
RDSTB#
USB Tx
FIFO/
Buffer
Figure 4.13 Bit-bang Mode Dataflow Illustration Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com