Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 47Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 48Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 49Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 50Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 51Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 52Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 53Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 54Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
51
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
6
FT232H Configurations
The following section illustrates possible USB power configurations for the FT232H.
All USB power configurations illustrated apply to both package options for the FT232H device
6.1 USB Bus Powered Configuration
Bus Powered Application example 1: Bus powered configuration running on +5V
Figure 6.1 Bus Powered Configuration Example 1
Figure 6.1 illustrates the FT232H in a typical USB bus powered design configuration. A USB bus powered
device gets its power from the VBUS (+5V) which is connected to VREGIN. In this application, the
VREGIN is the +5V input to the on chip +3.3V/1.8V regulator. The output of the on chip LDO regulator
(+1.8V) drives pin 38, (VCORE), and pin 37, (VCCA).
The output of the on chip LDO regulator (3.3V) supplies 3.3V to the VCCIOs, VPLL and VPHY through pin
39, VCCD. Please note that when the FT232H running on +5V (VREGIN), the VCCD becomes an output.
Note:
1. In this application, pin 40 (VREGIN) is the +5V input to the on chip +3.3V/1.8V regulator.
Since the VREGIN is +5.0V, pin 39 (VCCD) becomes 3V3 output and supplies 3.3V to the
VCCIOs, VPLL and VPHY.
2. The output of the on chip LDO +3.3V/1.8V regulator (+1.8V) drives pin 38, the FT232H core
supply (VCORE) and pin 37, the VCCA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com