Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 34Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 35Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 36Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 37Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 38Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 39Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 40Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 41Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
38
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
4.9 Fast Serial Interface Mode Description
Fast Serial Interface Mode provides a method of communicating with an external device over USB using 4
wires that can have opto-isolators in their path, thus providing galvanic isolation between systems. Fast
serial mode is enabled by setting the appropriate bits in the external EEPROM. The fast serial mode can
be held in reset by setting a bit value of 0x10 using the FT_SetBitMode D2xx driver command. While this
bit is set the device is held reset – data can be sent to the device, but it will not be sent out by the device
until the device is enabled again. This is done by sending a bit value of 0x00 using the Set Bit Mode
command.
When the FT232H is configured in Fast Serial Interface mode the IO timing of the signals used are shown
in Figure 4.17 and the timings are shown in Table 4.5 Fast Serial Interface Signal Timings.
Figure 4.17 Fast Serial Interface Signal Waveforms
Name
Minimum Typical
Maximu
Units
Description
t1
5
ns
FSDO/FSC TS hold time
t2
5
ns
FSDO/FSC TS setup time
t3
5
ns
FSDI hold time
t4
10
ns
FSDI Setup Time
t5
10
ns
FSC LK low
t6
10
ns
FSC LK high
t7
20
ns
FSC LK Period
Table 4.5 Fast Serial Interface Signal Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com