Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 36Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 37Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 38Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 39Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 40Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 41Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 42Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 43Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
40
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
4.9.3 Fast Serial Data Interface Example
Figure 4.20 shows example of two Agilent HCPL-2430 (see the semiconductor section at
www.avagotech.com) Hi-Speed opto-couplers used to optically isolate an external device which
interfaced to USB using the FT232H. In this example VCC5V is the USB VBUS supply and VCCE is the
supply to the external device.
Care must be taken with the voltage used to power the photo-LED. It must be the same voltage as that
which the FT232H I/Os are driving to, or the LED’s may be permanently on. Limiting resistors should be
fitted in the lines that drive the diodes. The outputs of the opto-couplers are open-collector and require a
pull-up resistor.
Figure 4.20 Fast Serial Interface Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com