Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 45Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 46Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 47Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 48Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 49Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 50Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 51Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 52Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
49
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
The I/O pins are +3.3v cells, which are +5V tolerant (except the USB PHY pins).
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
VCCIO
VCCIO
V
Ioh = +/-2mA
I/O Drive strength*
= 4mA
2.4
VCCIO
VCCIO
V
I/O Drive strength*
= 8mA
2.4
VCCIO
VCCIO
V
I/O Drive strength*
= 12mA
2.4
VCCIO
VCCIO
V
I/O Drive strength*
= 16mA
Vol
Output Voltage Low
0
0.4
V
Iol = +/-2mA
I/O Drive strength*
= 4mA
0
0.4
V
I/O Drive strength*
= 8mA
0
0.4
V
I/O Drive strength*
= 12mA
0
0.4
V
I/O Drive strength*
= 16mA
Vil
Input low Switching
Threshold
0.8
V
LVTTL
Vih
Input High Switching
Threshold
2.0
V
LVTTL
Vt
Switching Threshold
1.5
V
LVTTL
Vt-
Schmitt trigger negative
going threshold voltage
0.8
1.1
V
Vt+
Schmitt trigger positive
going threshold voltage
1.6
2.0
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Vin = 0
Rpd
Input pull-down
resistance
40
75
190
KΩ
Vin =VCCIO
Iin
Input Leakage Current
-10
+/-1
10
μA
Vin = 0
Ioz
Tri-state output leakage
current
-10
+/-1
10
μA
Vin = 5.5V or 0
Table 5.3 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins)
* The I/O drive strength and slow slew-rate are configurable in the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com