Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 5Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 6Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 9Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 10Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 11Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 12Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
9
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
3.3 Signal Description
The operation of the following FT232H pins are the same regardless of the configured mode:-
Pin No.
Name
Type
Description
40
**
VREGIN
POWER
input
+5.0V or 3V3 power supply input.
37
VCCA
POWER
output
+1.8V output. Should not be used.
38
VCORE
POWER
output
+1.8V output. Should not be used.
39
**
VCCD
POWER
output or
input
+3.3V output or input.
12, 24, 46
VCCIO
POWER
input
+3.3V input. I/O interface power supply input
8
VPLL
POWER
Input
+3.3V input. Internal PLL power supply input. It is
recommended that this supply is filtered using an LC filter.
(See figure 6.1)
3
VPHY
POWER
Input
+3.3V input. Internal USB PHY power supply input. Note that
this cannot be connected directly to the USB supply. A +3.3V
regulator must be used. It is recommended that this supply is
filtered using an LC filter.(See figure 6.1)
4,9,41
AGND
POWER
Input
0V Ground input.
10,11,22,23,35,36,47,48
GND
POWER
Input
0V Ground input.
Table 3.1 Power and Ground
** If pin 40 (VREGIN) is +5.0V, pin 39 becomes an output and If pin 40 (VREGIN) is 3V3 pin 39 becomes
an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com