Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 48Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 49Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 50Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 51Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 52Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 53Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 54Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 55Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
52
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
6.2 USB Self Powered Configuration
Self Powered application example 1: Self powered configuration running on 5V.
Figure 6.2 Self Powered Configuration Example 1
Figure 6.2 illustrates the FT232H in a typical USB self powered configuration. A USB self powered device
gets its power from its own external power supply which is connected to VREGIN. In this application the
VREGIN is the +5V input to the on chip +3.3V/1.8V regulator. The output of the on chip LDO regulator
(+1.8V) drives pin 38, VCORE and pin 37, VCCA. The output of the on chip LDO regulator (3.3V) supplies
3.3V to the VCCIOs, VPLL and VPHY through VCCD.
Please note that when the FT232H running on +5V (VREGIN), the VCCD becomes an output.
Note that in this set-up, the EEPROM should be configured for self-powered operation and the option
“suspend on ACBUS7 low” is enabled in FT_Prog. This configuration uses the ACBUS7 pin, when this
function is enabled ACBUS7 should not be used as a GPIO in MPSSE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com