Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 58Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 59Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 60Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 61Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 62Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 63Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 64Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 65Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 66Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
64
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
List of Figures
Figure 2.1 FT232H Block Diagram ...................................................................................................4
Figure 3.1 FT232H Schematic Symbol .............................................................................................7
Figure 4.1 RS232 Configuration .................................................................................................... 24
Figure 4.2 Dual RS422 Configuration............................................................................................. 25
Figure 4.3 Dual RS485 Configuration............................................................................................. 26
Figure 4.4 FT245 Synchronous FIFO Interface Signal Waveforms ...................................................... 27
Figure 4.5 FT245 Asynchronous FIFO Interface READ Signal Waveforms............................................ 29
Figure 4.6 FT245 Asynchronous FIFO Interface WRITE Signal Waveforms .......................................... 29
Figure 4.7 FT1248 Bus with Single Master and Slave. ...................................................................... 30
Figure 4.8: FT1248 Basic Waveform Protocol.................................................................................. 30
Figure 4.9: FT1248 Command Structure ........................................................................................ 31
Figure 4.10: FT1248 1-bit Mode Protocol (WRITE) .......................................................................... 32
Figure 4.11: FT1248 1-bit Mode Protocol (READ) ............................................................................ 32
Figure 4.12 Synchronous Bit-Bang Mode Timing Interface Example................................................... 35
Figure 4.13 Bit-bang Mode Dataflow Illustration Diagram................................................................. 35
Figure 4.14 MPSSE Signal Waveforms ........................................................................................... 36
Figure 4.15 Adaptive Clocking Interconnect.................................................................................... 37
Figure 4.16: Adaptive Clocking waveform. ..................................................................................... 37
Figure 4.17 Fast Serial Interface Signal Waveforms......................................................................... 38
Figure 4.18 Fast Serial Interface Output Data................................................................................. 39
Figure 4.19 Fast Serial Interface Input Data................................................................................... 39
Figure 4.20 Fast Serial Interface Example ...................................................................................... 40
Figure 4.21 CPU-Style FIFO Interface Operation Signal Waveforms. .................................................. 41
Figure 4.22 CPU-Style FIFO Interface Example ............................................................................... 42
Figure 4.23 Dual LED UART Configuration ...................................................................................... 43
Figure 4.24 Single LED UART Configuration.................................................................................... 43
Figure 4.25: Using SIWU# ........................................................................................................... 44
Figure 6.1 Bus Powered Configuration Example 1............................................................................ 51
Figure 6.2 Self Powered Configuration Example 1 ........................................................................... 52
Figure 6.3 Self Powered Configuration Example 2 ................................................................... 53
Figure 6.4 Recommended FT232H Oscillator Configuration............................................................... 54
Figure 7.1 EEPROM Interface........................................................................................................ 55
Figure 8.1 48 pin QFN Package Details .......................................................................................... 58
Figure 8.2 48 pin LQFP Package Details ......................................................................................... 59
Figure 8.3 48 pin LQFP and QFN Reflow Solder Profile ..................................................................... 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com