Electronic Components Datasheet Search
  English  ▼

X  

FT232H Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 43Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 44Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 45Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 46Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 47Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 48Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 49Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 50Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
47
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
5
Devices Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT232H devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these values may cause permanent damage to
the device.
Parameter
Value
Unit
Conditions
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-
STD-033A MSL
Level 3
Compliant)*
Hours
Ambient Operating Temperature (Power
Applied)
-40°C to 85°C
Degrees C
MTTF FT232HL
TBD
Hours
MTTF FT232HL
TBD
Hours
VCORE Supply Voltage
-0.3 to +2.0
V
VCCIO IO Voltage
-0.3 to +4.0
V
DC Input Voltage – USBDP and USBDM
-0.5 to +3.63
V
DC Input Voltage – High Impedance
Bi-directionals (powered from VCCIO)
-0.3 to +5.8
V
DC Output Current – Outputs
16
mA
Table 5.1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com