Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 25Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 26Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 27Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 28Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 29Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 30Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 31Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 32Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
29 of 63
4. The UART is constantly set to Synchronous Receive Mode. This is because the signal sequence that
is generated by the handheld programming device exhibits an additional signal transition in a time
frame of 3 bit times after the end of the transmitted master call.
3.3.2.
AC Current Input Mode
The IRD input allows direct connection of a Photo-Diode (referencing to 0V) and senses the generated photo
current. A valid input signal has to have certain current amplitude (range) and must not exceed a certain offset
current value (Table 10 and Figure 8).
In contrast to A²SI versions, the IRD input of the ASI4U covers the entire input current range by a single
amplifying stage with continues (logarithmical) gain adaptation. Thus, the cyclical gain switching is avoided
and the IC can react more safely and without delay on different input signal amplitudes.
Table 10: IRD AC current input parameters
Symbol Parameter
Min
Max
Unit
Note
IIRDO
Input current offset
10
µA
IIRDA
Input current amplitude
25
100
µA
MIN
IIRDA
MAX
IIRDA
MAX
IIRDO
time
IRD
input
current
Figure 8: Addressing Channel Input (IRD), Photo-current Waveforms
Following photo-diode is suggested for optimal performance:
 TEMIC TEMD5000
3.3.3.
CMOS Input Mode
In addition to the AC current input mode, the IRD input can also operate in CMOS input mode. Mode switching
is only possible as long as the IC has not locked to the Addressing Channel by reception of a Magic Sequence
already. On principle, that input mode that lead to the activation of the Addressing Channel will remain locked
until the Addressing Channel is deactivated (by IC Reset).
The CMOS mode is entered if the IRD input voltage is above 2.5V (logic high) for more than 7.680 ms (-
6.66%). It is left, if the IRD input voltage is below 1.0V (logic low) for more than 7.680 ms (-6.66%). The initial
input mode after IC initialization is determined at the end of the initialization phase and depends on the value
of the IRD input signal at that time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com