Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 28Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 29Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 30Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 31Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 32Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 33Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 34Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 35Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
32 of 63
3.6. Parameter Port and PST Pin
3.6.1.
Slave Mode
The parameter port is configured for continuous bi-directional operation. Every pin contains an NMOS open
drain output driver plus a high voltage high impedance digital input stage. Received parameter output data is
stored at the Parameter Output Register and subsequently forwarded to the open drain output drivers. A
certain time (tPI-latch) after new output data has arrived at the port, the corresponding inputs are sampled.
The input value either results from a wired AND combination of the parameter output value and the signals
driven to the port by external sources (Multiplex_Parameter =’0’) or simply represents the externally driven
input signals (Multiplex_Parameter =’1’). For further explanation see also Figure 9 and chapter 3.6.2.
The availability of new parameter output data is signaled by the Parameter Strobe (PST) signal.
Besides the basic I/O function, the first parameter output event after an IC reset has an additional meaning. It
enables the data output at the Data Port (see chapters 3.7 and 3.11).
Any IC reset or the reception of a Delete_Address call turns the Parameter Output Register to 0xF and forces
the parameter output drivers to high impedance state. Simultaneously a Parameter Strobe is generated,
having the same tsetup timing and tPST pulse width, as new output data would be driven.
Table 16: Timing Parameter Port
Symbol Parameter
Min
Max
Unit
Note
tsetupL
Output data is valid LOW before PST-H/L
0.1
0.6
µs
1
tsetupH
Output driver is at high impedance state before PST-H/L
0.1
0.6
µs
1
thold
Output driver is at high impedance state after PST-H/L
0.1
0.6
µs
1, 2
tPST
Pulse width of Parameter Strobe (PST)
5
6
µs
3
tPI-latch
Acceptance of input data
11
13.5
µs
4
1 The designed value is 0.5µs.
2 thold is only valid, if the Multiplex_Parameter flag is set in the Firmware Area of the E²PROM.
3 The timing of the resulting voltage signal also depends on the external pull up resistor.
4 The parameter input data must be stable within the period defined by min. and max. values of t
PI-latch.
PST
tsetup
tPST
tPI-latch
parameter port output data
keep stable
min
max
P0..P3
PI0..PI3
parameter port input data
thold
data remains constant,
if Multiplex_Parameter
flag is not set
Hi-Z, if Multiplex_Parameter
flag is set
Figure 9: Timing Diagram Parameter Port P0 ... P3, PST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com