Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 6Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 7Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 8Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 9Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 10Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 11Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 12Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 13Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 63
1
General Device Specification
1.1. Absolute Maximum Ratings (Non Operating)
Table 1: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit Note
V0V, VGND
Voltage reference
0
0
V
VASIP-ASIN
Voltage difference between ASIP and ASIN (VASIP - VASIN)
-0.3
40
V
1
VASIP-ASIN_P Pulse voltage between ASIP and ASIN (VASIP - VASIN)
-0.3
50
V
2
VASIP
Pulse voltage between ASIP and 0V (VASIP – V0V)
-0.3
50
V
2, 3
VASIN
Voltage between ASIN and 0V (VASIN – V0V)
-6.0
6.0
V
3
VUIN
Power supply input voltage
-0.3
40
V
VUIN_P
Pulse voltage at power supply input
-0.3
50
V
2
Vinputs1
Voltage at pins DI3 ... DI0, DO3 ... DO0, P3 ... P0, DSR, PST,
LED1, LED2, FID, IRD, UOUT
-0.3
VUOUT + 0.3 V
Vinputs2
Voltage at pins OSC1, OSC2, CAP, U5R
-0.3
7
V
Iin
Input current into any pin except supply pins
-50
50
mA
4
H
Humidity non-condensing
5
VHBM1
Electrostatic discharge – Human Body Model (HBM1)
3500
V
6
VHBM2
Electrostatic discharge – Human Body Model (HBM2)
2000
V
7
VEDM
Electrostatic discharge – Equipment Discharge Model (EDM)
400
V
8
STG
Storage temperature
-55
125
°C
Ptot
Total power dissipation
0.85
W
9
Rthj
Thermal resistance of SSOP 28 package
Thermal resistance of SOP 28 package
40
60
80
80
K/W
10
1
reverse polarity protection has to be performed
externally
2
pulse with
 50µs, repetition rate  0.5 Hz
3
VASIP-ASIN and VASIP-ASIN_P must not be violated
4
Latch-up resistance, reference pin is 0V
5
Level 3 according to JEDEC-020D is guaranteed
6
HBM1: C = 100pF charged to VHBM1 with resistor
R = 1.5k
 in series, valid for ASIP-ASIN only.
7
HBM2: C = 100pF charged to VHBM2 with resistor
R = 1.5k
 in series, valid for all pins except ASIP-
ASIN
8
EDM: C = 200pF charged to VEDM with no resistor
in series, valid for ASIP-ASIN only
9
at max. operating temperature, the allowed total
power dissipation depends on additional thermal
resistance from package to ambient and on the
operation ambient temperature as shown in Figure
1.
10 Single layer board, P
tot = 0.5W; air velocity = 0m/s  max. value; air velocity = 2.5m/s  min. value
Ptot = f (Ta); 1L / 2L = 1 layer / 2 layer PCB
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
-25
0
25
50
75
100
Ta
Ptot (2L)
Ptot (1L)
Figure 1: Ptot = f(
a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com