Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 53Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 54Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 55Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 56Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 57Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 58Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 59Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 60Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
57 of 63
4
Application
Circuits
The following figures show typical
application cases of the ASI4U. Please
note that these schematics show only
principle
circuit
drafts.
For
more
detailed application information see the
separate ASI4U Application Notes
document.
Figure 20 outlines a standard slave
application circuit compliant to the first
AS-i IC.
Figure 21 shows an extended power
application
circuit
with
externally
decoupled sensor supply.
A Master Mode application is shown in
Figure 22.
gre en
Standard Application with bi-directional Data I/O
UO UT
A SIN
OS C1
OS C2
CA P
A SIP
UIN
U5R
FID
0V
Remark: depending on I/O-configuration, DO- and DI-ports are connected and Multiplex-Flag is set
ASI+
ASI-
+2 4V
DI O-0
DI O-1
DI O-2
DI O-3
DS R& RES E T
P0
P1
P2
P3
PS
LE D2
LE D1
ASI4U
ZM M 3 9
1N4001
8/16MHz
47n
100n
1 0µ
10 n
Figure 20: Standard Application circuit with bi-directional Data I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com