Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 40Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 41Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 42Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 43Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 44Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 45Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 46Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 47Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
44 of 63
Safety_Mode
Sync_Enable
Filter_Enable
Data_Exchange_Disable
>=1
&
Figure 16: Flowchart - Data_Exchange_Disable
3.7.7.
Master-, Repeater-, Monitor Mode
In Master-, Repeater- and Monitor Mode the data input and data output ports are differently configured than in
Slave Mode. Following control signals are provided at the data input port in Master-, Repeater- and Monitor
Mode:
Table 24: Control signal inputs in Master-, Repeater- and Monitor Mode
Data Input Port
Signal Name
Description
DI0
invert_ird_a
DI1
invert_ird_b
If the signals invert_ird_a and invert_ird_b are unequal, the IRD
input signal is inverted before further processing. See Table 13.
DI2
invert_led1_a
DI3
invert_led1_b
If the signals invert_led1_a and invert_led1_b are unequal, the LED1
output signal is inverted after processing. See Table 28.
Note: The complemented definition was chosen to retain backward compatibility to A²SI based AS-i Master
designs.
The Data Output Port is exclusively used in Monitor Mode to provide additional UART error signals. The
signals are defined active low and will be set immediately after a telegram error was detected. They become
reset at the beginning of the next telegram. Following signals are available:
Table 25: Error signal outputs in Monitor Mode
Data Port Output
UART Error Signal Description
DO0
plscod_err
Pulse Code Error
Indicates faulty AS-i pulses. This is a
disjunction of alternation error, start bit error,
end bit error
DO1
no_info_err
No Information Error
Length Error
The output signal is a disjunction of
No_Information_Error
and Length_Error as
defined in the Complete Spec 3.0.
The Monitor Mode does not distinguish
between synchronized and not synchronized
UART Mode. There is always only one bit
time supervised after the end of a telegram.
DO2
parb_err
Parity Bit Error
Received parity bit does not match the check
sum calculated by the UART
DO3
ird_man_err
Man-II-Code Error at
IRD input
Signal at IRD input violates MAN-II-Coding
rules
3.7.8.
Special function of DSR
Besides of its standard output function the Data Strobe Pin serves as external reset input for all operational
modes of the IC. Pulling the DSR pin LOW for more than a minimum reset time generates an unconditioned
reset of the IC, which is immediately followed by a re-initialization of the IC (E²PROM read out).
Further information on the IC reset behavior, especially in regard to the signal timing, can be found at chapter
3.11 IC Reset
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com