Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 56Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 57Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 58Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 59Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 60Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 61Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 62Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 63Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 64Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
63 of 63
8
Ordering Information
Ordering Code
Type
Operating
Temperature
Range
Package Type
RoHS
Conform
Packaging
Minumum
Order
Quantity
ASI4UE-G1-ST
Standard -25°C to +85°C
SSOP28 / 5.3mm
Y
Tube
(47 parts/tube)
470 pcs.
(10 tubes)
ASI4UE-G1-SR
Standard -25°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(1500 parts/reel)
1500 pcs.
(one reel)
ASI4UE-G1-SR-7 Standard -25°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(500 parts/reel)
500 pcs.
(one 7" reel)
ASI4UE-G1-MT
Master
-25°C to +85°C
SSOP28 / 5.3mm
Y
Tube
(47 parts/tube)
470 pcs.
(10 tubes)
ASI4UE-G1-MR
Master
-25°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(1500 parts/reel)
1500 pcs.
(one reel)
ASI4UE-E-G1-ST Standard -25°C to +105°C
SOP28 / 300 mil
Y
Tube
(27 parts/tube)
270 pcs.
(10 tubes)
ASI4UE-E-G1-SR Standard -25°C to +105°C
SOP28 / 300 mil
Y
Tape & Reel
(1000 parts/reel)
1000 pcs.
(one reel)
ASI4UE-F-G1-ST
Standard -40°C to +85°C
SSOP28 / 5.3mm
Y
Tube
(47 parts/tube)
470 pcs.
(10 tubes)
ASI4UE-F-G1-SR Standard -40°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(1500 parts/reel)
1500 pcs.
(one reel)
9
Related Documents
 AS-I Family Ordering Guide
 ASI4U Feature Sheet
 ASI4U Errata Sheet
 ASI4U Safety Advice
 ASI4U Release Note
10 Related Products
 A2SI Universal AS-Interface IC
 A2SI-Lite Low-cost AS-Interface IC
 SAP5 Universal AS-Interface IC
Sales and Further Information
www.zmdi.com
asi@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korean Office
POSCO Centre Building
West Tower, 11th Floor
892 Daechi, 4-Dong,
Kangnam-Gu
Seoul, 135-777
Korea
Phone +49.351.8822.7274
Fax +49.351.8822.87274
Phone +855-ASK-ZMDI
(+855.275.9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.2.559.0660
Fax
+82.2.559.0700
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However,
under no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature
whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer,
licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of
the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com