Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 41Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 42Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 43Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 44Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 45Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 46Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 47Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 48Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
45 of 63
3.8. Fault Indication Input Pin FID
3.8.1.
Slave Mode
The fault indication input FID is provided for sensing a periphery fault-messaging signal in Slave Mode. It
contains a high voltage high impedance input stage that influences the status bit S1 of an AS-i Slave directly.
DC properties of the pin are specified at Table 14: DC Characteristics of digital high voltage input pins.
If the FID_Invert flag (Firmware Area of the E²PROM) is not set, a periphery fault is signaled by logic HIGH at
the FID input. In this case S1 and FID are logically equivalent, which is the default state. In the opposite case,
when FID_Invert = ‘1’, the FID input value is inverted before any further processing. The FID_Invert feature
was added to provide special support for certain fault conditions.
Signal transitions at the FID pin become visible in S1 with a slight delay, because a clock synchronizing circuit
is in between.
3.8.2.
Master- and Monitor Mode
In Master- and Monitor Mode the FID input provides a voltage sense comparator for power fail detection. Its
threshold voltage is set to 2.00 V +/-3%.
A power fail event is recognized and displayed at the Parameter Pin P1 if the input voltage falls below the
reference voltage for more than 0.7...0.9 ms. No power fail signal is generated while the IC is performing its
initialization procedure.
Table 26: Power Fail Detection at FID (Master Mode and Monitor Mode)
Symbol Parameter
Min
Max
Unit
Note
VFID-PF
FID reference voltage to detect power fail
1.94.
2.06
V
1
RIN-FID
Input resistance of FID input
2 Meg
Ohms
tLoff
Power supply break down time to generate a Power
Fail Signal
0.7
0.9
ms
1 for the measurement for the AS-I-voltage an external voltage divider is necessary, see Application Notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com