Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 32Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 33Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 34Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 35Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 36Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 37Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 38Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 39Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
36 of 63
Any IC reset or the reception of a Delete_Address call turns the Data Output Register to 0xF and forces the
data output drivers to high impedance state. Simultaneously a Data Strobe is generated, having the same
tsetup timing and tDSR pulse width, as new output data would be driven. All Data Port operations as well as the
generation of a slave response to Data_Exchange (DEXG) requests depend on the value of
Data_Exchange_Disable
flag. It becomes set during IC reset or after a Delete_Address call prohibiting any
data port activity after IC initialization or address assignment, as long as the external circuitry was not pre-
conditioned by dedicated parameter output data. The Data_Exchange_Disable flag is cleared while
processing a Write_Parameter (WPAR) request. Consequently the AS-i master has to send a WPAR call in
advance of the first Data_Exchange (DEXG) request in order to enable Data Port operation at the slave.
3.7.2.
Input Data Pre-Processing
Besides the standard input function the Data Port offers different data pre-processing features that can be
activated by setting corresponding flags in the Firmware Area of the E²PROM. The data path is structured as
follows:
Joint Input Inverting
The input values of all four data input channels are inverted when the Invert_Data_In flag is set. Any
configurations made in the DI_Invert_Configuration register are ignored. The feature is kept for
compatibility with A²SI product versions.
Selective Input Inverting
If the Invert_Data_In flag is not set, inverting of input data can be configured individually for every
Data Port
input channel by setting the corresponding flag in the DI_Invert_Configuration register. Hereby
the index of the DI channel corresponds to the bit position within the register. Thus, the data at input
channel DI0 is inverted if Bit 0 of the DI_Invert_Configuration register is set and consequently input
channel DI3 is inverted if Bit 3 is set.
Selective Input Filtering
A digital anti-bouncing filter is provided at every Data Input channel to keep undesired signal bouncing at
the DI pins away from the AS-i Master. If activated, a signal transition at the particular DI pin is passed to
the Data Input Register only if the new value has remained constant for a certain time.
Input
Signal
Filter
Output
Start Filter Timer
Reset Filter Timer
Filter Timer active
Filter Timer expired
Figure 12: Principle of input filtering
Data I/O
Controller
+
Data Input
Register
Configurable
Input Inverter
Configurable
Input Filter
AS-i
Transmitter
Figure 11: Input path at Data Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com