| Electronic Components Datasheet Search |
|
ASI4U Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ASI4U Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers |
|
34 / 64 page ![]() ASI4U / ASI4U-E / ASI4U-F Spec. 3.0 Compliant Universal AS-I IC Data Sheet April 2, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 34 of 63 3.6.4. Master-, Repeater-, Monitor Mode In Master-, Repeater- and Monitor Mode the Parameter Port is differently configured than in Slave Mode. The pins serve as output channels for additional support signals or become set to high impedance state. There is no input function associated with the Parameter Port pins. Following support signals are provided at the Parameter Port in Master-, Repeater- and Monitor-Mode. Table 17: Parameter Port output signals in Master-, Repeater-, Monitor-Mode Pin Master Mode Repeater Mode Monitor Mode P0 Receive Clock Hi-Z Receive Clock P1 Power Fail Hi-Z Power Fail P2 Receive Strobe – Slave Telegram Hi-Z Receive Strobe – Slave Telegram P3 Hi-Z Hi-Z Receive Strobe – Master Telegram Receive Clock is provided to simplify external processing of Manchester-II-coded output data at LED1 pin. The availability of a new AS-i telegram bit at LED1 is signaled by a rising edge of receive clock so that the received data can simply be clocked into a shift register. The output signal is active high. Power Fail signals a breakdown of the AS-i supply voltage. The output signal is active high. Further information regarding the Power Fail function refer to chapter 3.8 Fault Indication Input Pin FID. Receive Strobe – Slave Telegram is generated after every correctly received AS-i slave telegram. The output signal is active high. Receive Strobe – Master Telegram is generated after every correctly received AS-i master telegram. The output signal is active high. The generated pulse width is 1.0µs for both Receive Strobe signals at the output drivers (Hi-Z time). The resulting signal pulse width depends on the external pull-up resistor and the load circuit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |