Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 42Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 43Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 44Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 45Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 46Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 47Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 48Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 49Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
46 of 63
3.9. LED outputs
3.9.1.
Slave Mode
The ASI4U provides two LED pins for enhanced status indication. LED1 and LED2 both contain NMOS open
drain output drivers. In addition, LED2 contains a high voltage high impedance input stage for purposes of the
IC production test.
For compatibility to A²SI board layouts, where pin number 23 (former U5RD) had to be connected to U5R, the
LED2
function is turned OFF by default, keeping LED2 always at high impedance state. This is to protect
LED2
against
shorting
the
5V
supply
(U5R)
to
ground.
LED2
will
be
activated
if
the
Enhanced_Status_Indication
flag and/or the Dual_LED_Mode flag are set in the E²PROM.
In order to comply with the signaling schemes defined in the AS-i Complete Specification a red LED shall be
connected to LED1 and a green LED shall be connected to LED2. Direct operation of a Dual LED is also
supported but requires the Dual_LED_Mode flag to be set. This is because LED1 and LED2 need to be
controlled differently for AS-i compliant Dual LED signaling.
Following status indication is supported
Table 27: LED status indication
Symptom
Standard Status Indication Extended Status Indication
Note
Normal
Dual LED Normal
Dual LED
Power Off
No power supply available
Normal operation
Data
communication
is
established
No data exchange
The
Data_Exchange_Disable
flag is still set, prohibiting Data
Port
communication.
IC
is
waiting for a Write_Parameter
request.
The Communication Monitor has
detected No Data Exchange
status or the IC was reset by
Watchdog IC Reset.
No data exchange
(Address = 0)
Slave is waiting for address
assignment.
Data Port communication is not
possible.
Periphery Fault
alternating
alternating
Periphery Fault signal generated
at FID input.
Serious Periphery
Fault with Reset
alternating
Data Strobe driven LOW for
more than 44µs.
The flashing frequency of any flashing status indication is around 2 Hz.
green
red
green
green
red
green
gree
n
red
gree
n
gree
n
red
gree
n
green
red
red
green
red
yellow
red
green
red
red
green
red
red/
green
green
red
red/
green
green
red
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com