Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 29Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 30Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 31Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 32Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 33Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 34Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 35Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 36Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
33 of 63
3.6.2.
Parameter Multiplex Mode
AS-i Complete Specification v3.0 defines a so called Parameter Multiplex Mode. This new feature allows bi-
directional data transfer through the parameter port. The bi-directionality is achieved by turning the Parameter
Output Drivers off after the Parameter Strobe period and before the input sampling event. By turning off its
output drivers during the Parameter Strobe pulse, an external microcontroller can read the data from the
Parameter Port of the ASI4U, prepare new return data and place it to the port right after the Parameter Strobe
signal.
The Parameter Multiplex Mode becomes activated by setting the corresponding Multiplex_Parameter flag
(=’1’) in the E²PROM.
To keep full compatibility to A²SI based applications this flag should be kept zero (=’0’). The A²SI did not allow
real bi-directional parameter data transfer since it was not able to turn the output drivers off. The return value
to a Write_Parameter call was always a wired AND combination of the output signal of the IC and the signal
driven to the port by the external logic.
3.6.3.
Special function of P0, P1 and P2
In case the Watchdog_Active flag is not set (=’0’) but the P0_Watchdog_Activation flag is set (= ‘1’, Firmware
Area of the E²PROM) the value of the Parameter Port signal P0 determines whether the communication
watchdog is enabled or disabled. In compliance to Slave Profile 7D-5 the behavior is defined as follows:
Input Value at P0 State of Communication Watchdog
Low level (=’0’)
Disabled
High level (=’1’)
Enabled
If the P1_Filter_Activation flag is set in the E²PROM, the activation of the data input filters depends on the
value of the Parameter Port signal P1. Following coding applies:
Input Value at P1 Data input filter function
Low level (=’0’)
Activated
High level (=’1’)
Deactivated
For further details refer to chapter 3.7 Data Port and DSR – Input Data Pre-Processing.
If the Synchronous_Data_I/O_Mode flag is set in the E²PROM, the value of the parameter port P2 activates or
deactivates the Synchronous Data I/O Mode of the ASI4U. Following coding applies:
Input Value at P2 Synchronous Data I/O Mode
Low level (=’0’)
Activated
High level (=’1’)
Deactivated
For further details refer to chapter 3.7 Data Port and DSR – Synchronous Data I/O Mode.
The processed values of P0, P1 and P2 result from a wired-AND combination between the corresponding
output value and the input value driven by an external signal source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com