Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices ADF7021 Datasheet HTML 45Page - Analog Devices ADF7021 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 42 of 64
POWER-DOWN
CE LOW
XTAL
REFERENCE
TCXO
REFERENCE
CE HIGH
WAIT 10µs (REGULATOR POWER-UP)
WRITE TO REGISTER 1 (TURNS ON VCO)
WAIT 0.7ms (TYPICAL VCO SETTLING)
WRITE TO REGISTER 0 (TURNS ON PLL)
WAIT 40µs (TYPICAL PLL SETTLING)
WRITE TO REGISTER 2 (TURNS ON PA)
WAIT FOR PA TO RAMP UP (ONLY IF PA RAMP ENABLED)
WAIT FOR Tx LATENCY NUMBER OF BITS
(REFER TO TABLE 12)
WRITE TO REGISTER 2 (TURNS OFF PA)
WAIT FOR PA TO RAMP DOWN
WRITE TO REGISTER 3 (TURNS ON Tx/Rx CLOCKS)
CE HIGH
WAIT 10µs + 1ms
(REGULATOR POWER-UP + TYPICAL XTAL SETTLING)
CE LOW
POWER-DOWN
Tx MODE
OPTIONAL. ONLY NECESSARY IF PA
RAMP DOWN IS REQUIRED.
Figure 54. Power-Up Sequence for Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com