Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 51 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 47Page - Analog Devices ADF7021 Datasheet HTML 48Page - Analog Devices ADF7021 Datasheet HTML 49Page - Analog Devices ADF7021 Datasheet HTML 50Page - Analog Devices ADF7021 Datasheet HTML 51Page - Analog Devices ADF7021 Datasheet HTML 52Page - Analog Devices ADF7021 Datasheet HTML 53Page - Analog Devices ADF7021 Datasheet HTML 54Page - Analog Devices ADF7021 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 51 of 64
REGISTER 4—DEMODULATOR SETUP REGISTER
DISCRIMINATOR_BW
POST_DEMOD_BW
Rx_
INVERT
IF_BW
ADDRESS
BITS
DS1
0
1
0
1
0
1
0
1
DEMODULATOR SCHEME
2FSK LINEAR DEMODULATOR
2FSK CORRELATOR DEMODULATOR
3FSK DEMOD
4FSK DEMOD
RESERVED
RESERVED
RESERVED
RESERVED
DP1
0
1
PRODUCT
CROSS PRODUCT
DOT PRODUCT
RI1
0
1
0
1
INVERT
NORMAL
INVERT CLK
INVERT DATA
INVERT CLK/DATA
IFB1
0
1
0
1
IF FILTER
BW
12.5kHz
18.75kHz
25kHz
INVALID
DS2
DS3
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
1
1
RI2
IFB2
0
0
1
1
DW3
0
0
.
.
.
.
1
DW1
1
0
.
.
.
.
1
POST DEMOD
BW
1
2
.
.
.
.
1023
DW2
0
1
.
.
.
.
1
DW10
0
0
.
.
.
.
1
DW6
0
0
.
.
.
.
1
.
.
.
.
.
.
.
.
DW5
0
0
.
.
.
.
1
DW4
0
0
.
.
.
.
1
TD3
0
0
.
.
.
.
1
TD1
1
0
.
.
.
.
0
CORRELATOR
DISCRIM BW
1
2
.
.
.
.
660
TD2
0
1
.
.
.
.
0
TD10
0
0
.
.
.
.
1
TD6
0
0
.
.
.
.
0
.
.
.
.
.
.
.
.
TD5
0
0
.
.
.
.
1
TD4
0
0
.
.
.
.
0
DEMOD_
SCHEME
Figure 66. Register 4—Demodulator Setup Register Map
To solve for DISCRIMINATOR_BW, use the following
equation:
DISCRIMINATOR_BW =
3
10
400×
× K
CLK
DEMOD
where the maximum value = 660.
For 2FSK,


×
=
DEV
f
Round
K
3
10
100
For 3FSK,


×
×
=
DEV
f
Round
K
2
10
100
3
For 4FSK,


×
×
=
DEV
FSK
f
Round
K
4
10
100
3
4
where:
Round is rounded to the nearest integer.
Round4FSK is rounded to the nearest of the following integers: 32,
31, 28, 27, 24, 23, 20, 19, 16, 15, 12, 11, 8, 7, 4, 3.
fDEV is the transmit frequency deviation in Hz. For 4FSK, fDEVis
the frequency deviation used for the ±1 symbols (that is, the
inner frequency deviations).
Rx_INVERT (DB[8:9]) and DOT_PRODUCT (DB7) need to be
set as outlined in Table 17 and Table 18.
CLK
DEMOD
f
_BW
POST_DEMOD
CUTOFF
×
×
=
π
211
where the cutoff frequency (fCUTOFF) of the post demodulator
filter should typically be 0.75 × the data rate in 2FSK. In 3FSK,
it should be set equal to the data rate, while in 4FSK, it should
be set equal to 1.6 × symbol rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com