Electronic Components Datasheet Search
  English  ▼

X  

HEATEVM Datasheet(PDF) 21 Page - Texas Instruments

Part # HEATEVM
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HEATEVM Datasheet(HTML) 21 Page - Texas Instruments

Back Button HEATEVM Datasheet HTML 17Page - Texas Instruments HEATEVM Datasheet HTML 18Page - Texas Instruments HEATEVM Datasheet HTML 19Page - Texas Instruments HEATEVM Datasheet HTML 20Page - Texas Instruments HEATEVM Datasheet HTML 21Page - Texas Instruments HEATEVM Datasheet HTML 22Page - Texas Instruments HEATEVM Datasheet HTML 23Page - Texas Instruments HEATEVM Datasheet HTML 24Page - Texas Instruments HEATEVM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
Table 5. Terminal Functions (PGE Package)
TERMINAL
INTERNAL
CURRENT
TYPE(1) (2)
PULLUP/
DESCRIPTION
OUTPUT
NAME
NO.
PULLDOWN(3)
HIGH-END TIMER (HET)
HET[0]
73
HET[1]
72
Timer input capture or output compare. The
HET[8:0,18,20,22] applicable pins can be programmed
HET[2]
71
as general-purpose input/output (GIO) pins. All are
HET[3]
66
high-resolution pins.
HET[4]
65
The high-resolution (HR) SHARE feature allows even
HR pins to share the next higher odd HR pin
HET[5]
63
3.3 V
2 mA -z
IPD (20 µA)
structures. This HR sharing is independent of whether
HET[6]
9
or not the odd pin is available externally. If an odd pin
is available externally and shared, then the odd pin can
HET[7]
11
only be used as a general-purpose I/O. For more
HET[8]
12
information on HR SHARE, see the TMS470R1x High-
HET[18]
15
End Timer (HET) Reference Guide (literature number
SPNU199).
HET[20]
18
HET[22]
19
HIGH-END CAN CONTROLLER (HECC)
CAN1HRX
83
5-V tolerant
4 mA
HECC1 receive pin or GIO pin
CAN1HTX
84
3.3 V
2 mA -z
IPU (20 µA)
HECC1 transmit pin or GIO pin
CAN2HRX
54
5-V tolerant
4 mA
HECC2 receive pin or GIO pin
CAN2HTX
55
3.3 V
2 mA -z
IPU (20 µA)
HECC2 transmit pin or GIO pin
STANDARD CAN CONTROLLER (SCC)
SCC receive pin. The CANSRX signal is only
connected to the pad and not to a package pin. For
CANSRX
-
5-V tolerant
4 mA
reduced power consumption in low power mode,
CANSRX should be driven output LOW.
SCC transmit pin. The CANSTX signal is only
connected to the pad and not to a package pin. For
CANSTX
-
3.3 V
2 mA -z
IPU (20 µA)
reduced power consumption in low power mode,
CANSTX should be driven output LOW.
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT[0]
141
GIOA[1]/INT[1]/ECLK
136
GIOA[2]/INT[2]
134
General-purpose input/output pins. GIOA[7:0]/INT[7:0]
are interrupt-capable pins.
GIOA[3]/INT[3]
133
5-V tolerant
4 mA
GIOA[1]/INT[1]/ECLK pin is multiplexed with the
GIOA[4]/INT[4]
127
external clock-out function of the external clock
prescale (ECP) module.
GIOA[5]/INT[5]
98
GIOA[6]/INT[6]
78
GIOA[7]/INT[7]
79
GIOB[0]/EBDMAREQ0
43
GIOC[0]/EBOE
135
GIOB[0], GIOC[4:0], GIOD[5:0], GIOE[7:0:], GIOF[7:0],
GIOC[1]/EBWR[0]
128
GIOG[7:0], and GIOH[5,0] are multiplexed with the
3.3 V
2 mA -z
IPD (20 µA)
expansion bus module.
GIOC[2]/EBWR[1]
126
See Table 10.
GIOC[3]/EBCS[5]
120
GIOC[4]/EBCS[6]
119
(1)
PWR = power, GND = ground, REF = reference voltage, NC = no connect
(2)
All I/O pins, except RST , are configured as inputs while PORRST is low and immediately after PORRST goes high.
(3)
IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST
state.)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com